Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBPC005 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # GBPC005
Description  Glass Passivated Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBPC005 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  GBPC005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBPC005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBPC005 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBPC005 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd GBPC005 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Min
Max
Min
Max
A
28.50
29.00
1.122
1.142
B
15.50
17.60
0.610
0.693
C
5.08
5.59
0.200
0.220
D
28.50
29.00
1.122
1.142
E
15.50
17.60
0.610
0.693
F
13.30
15.30
0.524
0.602
G
17.10
19.10
0.673
0.752
H
I
7.36
7.87
0.290
0.310
J
21.26
24.57
0.837
0.967
Min
Max
Min
Max
A
28.50
29.00
1.122
1.142
B
15.50
17.60
0.610
0.693
C
5.08
5.59
0.200
0.220
D
28.50
29.00
1.122
1.142
E
15.50
17.60
0.610
0.693
F
15.50
17.60
0.610
0.693
G
15.50
17.60
0.610
0.693
H
0.76
0.86
0.030
0.034
I
J
7.36
7.87
0.290
0.310
K
21.26
24.57
0.837
0.967
Document Number: DS_D1312016
Version: D13
GBPC 40, 50 SERIES
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
GBPC40
DIM.
Unit (mm)
Unit (inch)
6.60 (TYP)
0.26 (TYP)
6.60 (TYP)
0.26 (TYP)
GBPC40-M
DIM.
Unit (mm)
Unit (inch)
10
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com