Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI5USB2544ZHEX Datasheet(PDF) 15 Page - Pericom Semiconductor Corporation

Part # PI5USB2544ZHEX
Description  USB Charging Port Controller and Detection Power Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB2544ZHEX Datasheet(HTML) 15 Page - Pericom Semiconductor Corporation

Back Button PI5USB2544ZHEX Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 13Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 14Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 15Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 16Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 17Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 18Page - Pericom Semiconductor Corporation PI5USB2544ZHEX Datasheet HTML 19Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
|||||||||||||||||
2015-08-0009
PT0514-4
08/24/15
15
PI5USB2544
USB Charging Port Controller and Detection Power Switch
Device Operation
Please refer to the simplified device state diagram below. Power-on-reset (POR) holds device in initial state while output is held
in discharge mode. Any POR event will take the device back to initial state. After POR clears, device goes to the next state
depending on the CTL1, CTL2, CTL3 and ILIM_SEL lines as shown Figure 5.
Figure 5, PI5USB2544 Charging States
Output Discharge
To allow a charging port to renegotiate current with a portable device, PI5USB2544 uses the OUT discharge function. It
proceeds by turning off the power switch while discharging OUT, then turning back on the power switch to reassert the OUT
voltage. This discharge function is automatically applied as shown in device state diagram.
DCP Forced (DCP
Shorted or Divider-1A)
Sample
CTL Pins
Reset
Discharge
SDP1
CDP
SDP2
SDP2
(1110)
DCH
Not SDP1
CDP
(1111)
SDP1
(111x/
010x)
CDP
(1111)
SDP2
(1110)
DCH
Done
DCP_Shorted
Divider-1A
DCH/SDP/CDP
DCP Auto (DCP Shorted
/DCP-1.2V
/ Divider-1A/2A)
DCP_Shorted
/Divider-1A
DCP_Auto
DCH/SDP/CDP
Note:
1)
All shaded boxed are device charging modes.
2)
See below table for CTL settings corresponding to flow
line conditions
Device Control Pins
Flow Line Condition
CTL1 CTL2CTL3ILIM_SEL
DCH(Discharge)
0
0
0
x
CDP
1
1
1
1
SDP2(No Discharge
from/to CDP)
1
1
1
0
SDP1(Discharge
from/to any charging
state including CDP)
1
1
0
x
0
1
0
x
DCP_Short
1
0
0
x
DCP/Divider-1A
1
0
1
x
DCP_Auto
0
1
1
x
0
0
1
x
DCP_Auto
Not SDP2
or CDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com