Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

US1A Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # US1A
Description  1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

US1A Datasheet(HTML) 1 Page - Nanjing International Group Co

  US1A Datasheet HTML 1Page - Nanjing International Group Co US1A Datasheet HTML 2Page - Nanjing International Group Co US1A Datasheet HTML 3Page - Nanjing International Group Co US1A Datasheet HTML 4Page - Nanjing International Group Co US1A Datasheet HTML 5Page - Nanjing International Group Co US1A Datasheet HTML 6Page - Nanjing International Group Co US1A Datasheet HTML 7Page - Nanjing International Group Co US1A Datasheet HTML 8Page - Nanjing International Group Co US1A Datasheet HTML 9Page - Nanjing International Group Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
US1J (DO-214AC)
2013-06-15
廣東奧其斯科技有限公司
東 莞 市 南 晶 電 子 有 限 公 司
Add: 東莞市石碣鎮銀河北路 191 號
Tel:0769-81837972
Fax:0769-81837971
E-mail
: yan5202004@yahoo.com.cn
Http://www.dgnjdz.com
APPROVAL
SHEET
U
客戶 CUSTOMER:
品名 PRODUCT:
規格 SPECIFICATION:
客戶料號 PART NO:
送樣日期 ISSUE DATE:
承認蓋章 Approved Signatures
核准
品保
工程
採購
客戶回饋意見:
審核:
製錶: 胡娟
備註:承認後請回簽一份給我司留存(或將封面傳真: 0769-81837971 至我司),謝謝!
二極管
0511US1J000


Similar Part No. - US1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1A PANJIT-US1A Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1A PHILIPS-US1A Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1A SURGE-US1A Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1A TRSYS-US1A Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US1A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
US1AF DGNJDZ-US1AF Datasheet
746Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1M-2C1A-2CDO-214AA DGNJDZ-US1M-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1M-2C1A-2CDO-214AC DGNJDZ-US1M-2C1A-2CDO-214AC Datasheet
185Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1A-2C1A-2CDO-214AA DGNJDZ-US1A-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1AF-2C1A-2CSMAF DGNJDZ-US1AF-2C1A-2CSMAF Datasheet
234Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1B-2C1A-2CDO-214AA DGNJDZ-US1B-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1B-2C1A-2CDO-214AC DGNJDZ-US1B-2C1A-2CDO-214AC Datasheet
185Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1D-2C1A-2CDO-214AC DGNJDZ-US1D-2C1A-2CDO-214AC Datasheet
185Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1DF-2C1A-2CSMAF DGNJDZ-US1DF-2C1A-2CSMAF Datasheet
234Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1G-2C1A-2CDO-214AA DGNJDZ-US1G-2C1A-2CDO-214AA Datasheet
431Kb / 2P
1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com