Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC546LP2ETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC546LP2ETR
Description  10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC546LP2ETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC546LP2ETR Datasheet HTML 5Page - Analog Devices HMC546LP2ETR Datasheet HTML 6Page - Analog Devices HMC546LP2ETR Datasheet HTML 7Page - Analog Devices HMC546LP2ETR Datasheet HTML 8Page - Analog Devices HMC546LP2ETR Datasheet HTML 9Page - Analog Devices HMC546LP2ETR Datasheet HTML 10Page - Analog Devices HMC546LP2ETR Datasheet HTML 11Page - Analog Devices HMC546LP2ETR Datasheet HTML 12Page - Analog Devices HMC546LP2ETR Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
HMC546LP2E
Rev. E | Page 13 of 13
OUTLINE DIMENSIONS
1.45
1.40
1.35
0.40
0.35
0.25
TOP VIEW
SIDE VIEW
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
1.00
0.90
0.80
0.85
0.80
0.75
0.203 REF
0.05 MAX
0.02 NOM
1.30 REF
0.65
BSC
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
2.05
2.00 SQ
1.95
5
8
1
4
COPLANARITY
0.08
Figure 27. 6-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 2mm Body and 0.90 mm Package Height
(CP-6-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
MSL
Rating2
Package Description
Package
Option
Package
Marking3
HMC546LP2E
−40°C to +85°C
MSL1
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-10
XXXX
546
HMC546LP2ETR
−40°C to +85°C
MSL1
6-Lead Lead Frame Chip Scale Package [LFCSP]
CP-6-10
XXXX
546
110782-HMC546LP2
Evaluation Board, 1843 MHz Tune
115201-HMC546LP2
Evaluation Board, 2015 MHz Tune
115202-HMC546LP2
Evaluation Board, 2350 MHz Tune
115203-HMC546LP2
Evaluation Board, 2600 MHz Tune
1
HMC546LP2E and HMC546LP2ETR are RoHS compliant parts.
2
See the Absolute Maximum Ratings section.
3
XXXX is the 4-digit lot number.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13975-0-5/16(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com