Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC939ALP4 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC939ALP4
Description  1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC939ALP4 Datasheet(HTML) 3 Page - Analog Devices

  HMC939ALP4 Datasheet HTML 1Page - Analog Devices HMC939ALP4 Datasheet HTML 2Page - Analog Devices HMC939ALP4 Datasheet HTML 3Page - Analog Devices HMC939ALP4 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
HMC939
ALP4 / 939ALP4E
v0
0.1115
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 33 GHz
Electrical Specifications, T
A = +25° C, With Vdd = +5V, Vss = -5V, P0 - P4 = 0/ +5V
Typical Applications
the HMC939
ALP4 / HMC939ALP4e is ideal for:
• Fiber Optics & Broadband Telecom
• Microwave Radio & VSAT
• Military Radios, Radar & ECM
• Space Applications
• Sensors
• Test & Measurement Equipment
1.0 dB LSB Steps to 31 dB
Single Positive Control Line Per Bit
±1.0 dB Typical Bit Error
High Input IP3: +43 dBm
16mm2 Leadless SMT Plastic Package
the HMC939
ALP4 & HMC939ALP4E are broadband
5-bit GaAs IC digital attenuators in low cost leadless
surface mount packages. Covering 0.1 to 33.0 GHz,
the insertion loss is less than 5 dB typical. The attenu-
ator bit values are 1.0 (LSB), 2, 4, 8, 16 for a total atten-
uation of 31 dB. Attenuation accuracy is excellent
at ±0.4 dB typical step error with an IIP3 of +43 dBm.
Five control voltage inputs, toggled between +5V and
0V, are used to select each attenuation state.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
0.1 - 18.0 GHz
18.0 - 26.5 GHz
26.5 - 33.0 GHz
4.0
5.5
6.5
5.5
7.0
8.5
dB
dB
dB
Attenuation Range
0.1 - 33.0 GHz
31
dB
Return Loss (RF1 & RF2, All Atten. States)
0.1 - 33.0 GHz
12
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
1.0 - 15 dB States
16 - 31 dB States
16 - 31 dB States
0.1 - 33.0 GHz
0.1 - 20.0 GHz
20.0 - 33.0 GHz
± (0.5 + 5%) of Atten. Setting Max
± (0.5 + 5%) of Atten. Setting Max
± (0.6 + 8%) of Atten. Setting Max
dB
dB
dB
Input Power for 0.1 dB Compression
0.1 - 0.5 GHz
0.5 - 33.0 GHz
20
25
dBm
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
0.1 - 0.5 GHz
0.5 - 33.0 GHz
40
43
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON/tOFF (50% CTL to 10/90% RF)
0.1 - 33.0 GHz
60
90
ns
ns
Idd
0.1 - 33.0 GHz
2.5
4.5
6.5
mA
Iss
0.1 - 33.0 GHz
-7.0
-5.0
-3.0
mA
General Description
Features
Functional Diagram
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com