Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7761BSTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 2Page - Analog Devices AD7761BSTZ Datasheet HTML 3Page - Analog Devices AD7761BSTZ Datasheet HTML 4Page - Analog Devices AD7761BSTZ Datasheet HTML 5Page - Analog Devices AD7761BSTZ Datasheet HTML 6Page - Analog Devices AD7761BSTZ Datasheet HTML 7Page - Analog Devices AD7761BSTZ Datasheet HTML 8Page - Analog Devices AD7761BSTZ Datasheet HTML 9Page - Analog Devices AD7761BSTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
AD7761
Data Sheet
Rev. 0 | Page 6 of 69
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LVDS Clock2
RL = 100 Ω
Differential Input Voltage
100
650
mV
Common-Mode Input Voltage
800
1575
mV
Absolute Input Voltage
1.88
V
ADC RESET2
ADC Start-Up Time After Reset6
Time to first DRDY, fast mode,
decimation by 32
1.58
1.66
ms
Minimum RESET Low Pulse Width
tMCLK = 1/MCLK
2 × tMCLK
LOGIC INPUTS
Input Voltage2
High, VINH
0.65 ×
IOVDD
V
Low, VINL
2.25 V < IOVDD < 3.6 V
0.7
V
1.72 V < IOVDD < 1.88 V
0.4
V
Hysteresis2
2.25 V < IOVDD < 3.6 V
0.04
0.09
V
1.72 V < IOVDD < 1.88 V
0.04
0.2
V
Leakage Current
−10
+0.03
+10
μA
RESET pin7
−10
+10
μA
LOGIC OUTPUTS
Output Voltage2
High, VOH
ISOURCE = 200 μA
0.8 ×
IOVDD
V
Low, VOL
ISINK = 400 μA
0.4
V
Leakage Current
Floating state
−10
+10
μA
Output Capacitance
Floating state
10
pF
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × VREF
V
Zero-Scale Calibration Limit
−1.05 × VREF
V
Input Span
0.4 × VREF
2.1 × VREF
V
POWER REQUIREMENTS
Power Supply Voltage
AVDD1 − AVSS
4.5
5.0
5.5
V
AVDD2 − AVSS
2.0
2.25 to 5.0
5.5
V
AVSS − DGND
−2.75
0
V
IOVDD − DGND
1.72
1.8 or 2.5 to
3.3
3.6
V
POWER SUPPLY CURRENTS
Maximum output data rate, CMOS
MCLK, eight DOUTx signals, all
supplies at maximum voltages, all
channels in Channel Mode A
Eight Channels Active
Fast Mode
AVDD1 Current
Precharge reference buffers off/on
36/57.5
40/64
mA
AVDD2 Current
37.5
40
mA
IOVDD Current
Wideband filter
63
69
mA
Sinc5 filter2
27
29
mA
Median Mode
AVDD1 Current
Precharge reference buffers off/on
18.5/29
mA
AVDD2 Current
21.3
mA
IOVDD Current
Wideband filter
34
mA
Sinc5 filter
16
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com