Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VLS252012CX-2R2M Datasheet(PDF) 6 Page - TDK Electronics

Part # VLS252012CX-2R2M
Description  Wound Ferrite
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS252012CX-2R2M Datasheet(HTML) 6 Page - TDK Electronics

  VLS252012CX-2R2M Datasheet HTML 1Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 2Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 3Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 4Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 5Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 6Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 7Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 8Page - TDK Electronics VLS252012CX-2R2M Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
(6/9)
INDUC
T
O
RS
20160411 / inductor_commercial_power_vls252012cx_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
VLS252012CX Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Isat or Itemp.
Isat: When based on the inductance change rate (30% below the nominal L value)
Itemp: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
DC resistance
Rated current
Part No.
Isat
Itemp
Isat
Itemp
(μH)
Tolerance
(MHz)
(
: )max.
(
: )typ.
(A)max.
(A)max.
(A)typ.
(A)typ.
1.0
±20%
1
0.062
0.052
2.38
2.55
2.65
3.00
VLS252012CX-1R0M
1.5
±20%
1
0.074
0.062
2.19
2.30
2.44
2.70
VLS252012CX-1R5M
2.2
±20%
1
0.096
0.080
1.76
1.87
1.95
2.21
VLS252012CX-2R2M
3.3
±20%
1
0.137
0.114
1.31
1.53
1.45
1.80
VLS252012CX-3R3M
4.7
±20%
1
0.210
0.175
1.10
1.24
1.20
1.46
VLS252012CX-4R7M
6.8
±20%
1
0.330
0.275
1.00
1.02
1.10
1.20
VLS252012CX-6R8M
10
±20%
1
0.482
0.402
0.79
0.82
0.88
0.97
VLS252012CX-100M
15
±20%
1
0.772
0.643
0.60
0.70
0.67
0.82
VLS252012CX-150M
22
±20%
1
0.955
0.796
0.54
0.56
0.60
0.66
VLS252012CX-220M
Measurement item
Product No.
Manufacturer
L
4194A
Keysight Technologies
DC resistance
VP-2941A
Panasonic
Rated current Isat
4285A+42841A+42842C
Keysight Technologies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com