Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52C27 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BZT52C27
Description  Surface mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZT52C27 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZT52C27 Datasheet HTML 1Page - Diotec Semiconductor BZT52C27 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
2
Small Signal Si-Diodes
BZT52C2V4 ... C56
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage
2)
Zener-Spanng.
2)
I
Z = 5 mA
V
zmin [V] Vzmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [Ω] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
α
VZ10
-4 [°C]
Reverse volt.
Sperrspanng.
I
R = 100 nA
V
R [V]
Z-current
1)
Z-Strom
1)
T
A = 25°C
I
Zmax [mA]
BZT52C2V4
2,2
2,6
<85
< 600
-9...-6
1 (50µA)
158
BZT52C2V7
2,5
2,9
<85
< 600
-9...-6
1 (10µA)
141
BZT52C3V0
2,8
3,2
<85
< 600
-8...-5
1 (4µA)
128
BZT52C3V3
3,1
3,5
<85
< 600
-8...-5
1 (2µA)
117
BZT52C3V6
3,4
3,8
<85
< 600
-8...-5
1 (2µA)
108
BZT52C3V9
3,7
4,1
<85
< 600
-8…-5
1 (2µA)
100
BZT52C4V3
4,0
4,6
<75
< 600
-6…-3
1 (1µA)
89
BZT52C4V7
4,4
5,0
<60
< 600
-5…+2
1 (0,5µA)
82
BZT52C5V1
4,8
5,4
<35
< 550
-2…+2
1
76
BZT52C5V6
5,2
6,0
<25
< 450
-5…+5
1
68
BZT52C6V2
5,8
6,6
<10
< 200
+3…+6
2
62
BZT52C6V8
6,4
7,2
<8
< 150
+3…+7
3
57
BZT52C7V5
7,0
7,9
(7
< 50
+3…+7
5
52
BZT52C8V2
7,7
8,7
<7
< 50
+3…+8
6
47
BZT52C9V1
8,5
9,6
<10
< 50
+3…+9
6
43
BZT52C10
9,4
10,6
<15
< 70
+3…+10
7
39
BZT52C11
10,4
11,6
<20
< 70
+3…+11
8
35
BZT52C12
11,4
12,7
<20
< 90
+3…+11
9
32
BZT52C13
12,4
14,1
<26
< 110
+3…+11
9
29
BZT52C15
13,8
15,6
<30
< 110
+3…+11
10
26
BZT52C16
15,3
17,1
<40
< 170
+3…+11
11
24
BZT52C18
16,8
19,1
<50
< 170
+3…+11
13
21
BZT52C20
18,8
21,2
<55
< 220
+3…+11
14
19
BZT52C22
20,8
23,3
<55
< 220
+4…+12
16
18
BZT52C24
22,8
25,6
<80
< 220
+4…+12
17
16
BZT52C27
25,1
28,9
<80
< 220
+4…+12
19
14
BZT52C30
28
32
<80
< 220
+4…+12
21
13
BZT52C33
31
35
<80
< 220
+4…+12
23
12
BZT52C36
34
38
<80
< 220
+4…+12
26
11
BZT52C39
37
41
<90
< 500
+4…+12
28
10
BZT52C43
40
46
<90
< 500
+4…+12
30
9
BZT52C47
44
50
<110
< 600
+4…+12
33
8
BZT52C51
48
54
<125
< 700
+4…+12
36
8
BZT52C56
52
60
<135
< 700
+4…+12
39
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com