Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILQ3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILQ3
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ3 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILQ3 Datasheet HTML 1Page - Vishay Siliconix ILQ3 Datasheet HTML 2Page - Vishay Siliconix ILQ3 Datasheet HTML 3Page - Vishay Siliconix ILQ3 Datasheet HTML 4Page - Vishay Siliconix ILQ3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
ILD3/ ILQ3
Document Number 83655
Rev. 1.3, 19-Apr-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Common Mode Transient Immunity
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 60 mA
VF
1.25
1.65
V
Reverse current
VR = 6.0 V
IR
0.01
10
µA
Capacitance
VR = 0 V, f = 1.0 MHz
25
pF
Thermal resistance, junction to
lead
Rthjl
750
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter leakage
current
VCE = 15 V
ICEO
5.0
70
nA
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Thermal resistance, junction to
lead
Rthjl
500
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Capacitance (input-output)
VIO = 0 V, f = 1.0 MHz
CIO
0.8
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Saturated Current Transfer
Ratio (ILD/Q3-1)
IF = 1.6 mA, VCE = 0.4 V
ILD3
CTRsat
300
%
Saturated Current Transfer
Ratio (ILD/Q3-2)
IF = 1.0 mA, VCE = 0.4 V
ILD3
CTRsat
100
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Common mode rejection output
high
VCM = 50 VP-P, RL = 10 KΩ,
IF = 0 mA
CMH
5000
V/
µs
Common mode rejection output
low
VCM = 50 VP-P, RL = 10 KΩ
IF = 0 mA
CML
5000
V/
µs
Common mode coupling
capacitance
CCM
0.01
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com