Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS19 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAS19
Description  Fast Switching Speed
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS19 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAS19 Datasheet HTML 1Page - Nanjing International Group Co BAS19 Datasheet HTML 2Page - Nanjing International Group Co BAS19 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 Plastic-Encapsulate Diodes
SOT-23
BAS19/BAS20 SWITCHING DIODE
FEATURE
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
MARKING:
BAS19:JP
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
BAS19
BAS20
Unit
VRRM
Repetitive Peak Reverse Voltage
120
200
V
VRWM
Working Peak Reverse Voltage
100
150
V
IO
Average Rectified Output Current
200
mA
IFSM
Non-Repetitive Peak Forward Surge Current @t=
2.5
A
Pd
Power Dissipation
250
mW
RθJA
Thermal Resistance from Junction to Ambient
500
℃/W
TJ
Junction temperature
150
℃
Tstg
Storage Temperature
-55 ~ +150
℃
ELECTRICAL CHARACTERISTICS (TA = 25
°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Reverse breakdown voltage
BAS19
BAS20
V(BR)
IR=100μA
120
200
V
Reverse current
BAS19
BAS20
IR
VR=100V
VR=150V
0.1
μA
IF=100mA
1
V
Forward voltage
VF
IF=200mA
1.25
V
Diodes capacitance
CD
VR=0V, f=1MHz
5
pF
Reveres recovery time
trr
IF=IR=30mA,Irr=0.1*IR
50
ns
JP
JP
BAS20:JR
JR
JR
8.3ms
Soliddot = Green molding compound device,
if none,the normal device.
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com