Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTA06-600B Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA06-600B
Description  SNUBBERLESS?? LOGIC LEVEL & STANDARD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA06-600B Datasheet(HTML) 5 Page - STMicroelectronics

  BTA06-600B Datasheet HTML 1Page - STMicroelectronics BTA06-600B Datasheet HTML 2Page - STMicroelectronics BTA06-600B Datasheet HTML 3Page - STMicroelectronics BTA06-600B Datasheet HTML 4Page - STMicroelectronics BTA06-600B Datasheet HTML 5Page - STMicroelectronics BTA06-600B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA/BTB06 Series
5/6
Fig. 7: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 8-1: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values). Snubberless & Logic Level Types
Fig. 8-2: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values). Standard Types
Fig. 9: Relative variation of critical rate of
decrease
of
main
current
versus
junction
temperature.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25°C]
IGT
IH & IL
Tj(°C)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
BW/CW
SW
TW
(dV/dt)c (V/µs)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [Tj] / (dI/dt)c [Tj specified]
Tj(°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com