Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD5613BO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5613BO
Description  0.56 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5613BO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5613BO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5613BO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5613BO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121710
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD5613A (Common Cathode)
LD5613B(Common Anode)
3,8
76
4
10
21
9
5
B
AC
D
E
F
G
DP
B
A
7
C
6
4
10
E
D
21
G
F
9
3,8
DP
5
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 14.20mm(0.56inch), External Dimensions:
12.60x19.00x8.00mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5613AR
LD5613BR
GaAlAs
Super Red
640
8
10
8
10
LD5613AD
LD5613BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5613AO
LD5613BO
GaAsP
Orange
625
7
9
7
9
LD5613AY
LD5613BY
GaAsP
Yellow
588
8
10
8
10
LD5613AG
LD5613BG
GaP
Green
568
7
9
7
9
LD5613AUR
LD5613BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5613AUO
LD5613BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5613AUA
LD5613BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5613AUY
LD5613BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5613AUG
LD5613BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5613APG
LD5613BPG
InGaN
Pure Green
525
120
300
120
300
LD5613AUB
LD5613BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5613AUW
LD5613BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com