Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SJ126 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SJ126
Description  Low Drain-Source ON Resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SJ126 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SJ126 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SJ126 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc P-Channel MOSFET Transistor
2SJ126
DESCRIPTION
·Low Drain-Source ON Resistance
·High Forward Transfer Admittance
·Low Leakage Current
·Enhancement-Mode
APPLICATIONS
·High speed switching application
·Switching regulator ,DC-DC converter and Motor
drive application
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
-60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
-10
A
Ptot
Total Dissipation@TC=25℃
40
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.1
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SJ126

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SJ120L ISC-2SJ120L Datasheet
303Kb / 2P
isc P-Channel MOSFET Transistor
2SJ120S ISC-2SJ120S Datasheet
306Kb / 2P
isc P-Channel MOSFET Transistor
2SJ122 ISC-2SJ122 Datasheet
346Kb / 2P
isc P-Channel MOSFET Transistor
logo
Isahaya Electronics Cor...
2SJ125 ISAHAYA-2SJ125 Datasheet
216Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION P CHANNEL JUNCTION TYPE
2SJ125 ISAHAYA-2SJ125 Datasheet
166Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION P CHANNEL JUNCTION TYPE
More results

Similar Description - 2SJ126

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK15A60D TOSHIBA-TK15A60D Datasheet
196Kb / 6P
Low drain-source ON-resistance
logo
Inchange Semiconductor ...
2SJ170 ISC-2SJ170 Datasheet
65Kb / 2P
Low Drain-Source ON Resistance
2SJ171 ISC-2SJ171 Datasheet
65Kb / 2P
Low Drain-Source ON Resistance
2SJ256 ISC-2SJ256 Datasheet
58Kb / 2P
Low Drain-Source ON Resistance
2SJ274 ISC-2SJ274 Datasheet
59Kb / 2P
Low Drain-Source ON Resistance
2SJ374 ISC-2SJ374 Datasheet
59Kb / 2P
Low Drain-Source ON Resistance
2SJ380 ISC-2SJ380 Datasheet
59Kb / 2P
Low Drain-Source ON Resistance
IRF242 ISC-IRF242 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF244 ISC-IRF244 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
IRF247 ISC-IRF247 Datasheet
48Kb / 2P
Static Drain-Source On-Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com