Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F147IPM Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F147IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F147IPM Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSP430F147IPM Datasheet HTML 34Page - Texas Instruments MSP430F147IPM Datasheet HTML 35Page - Texas Instruments MSP430F147IPM Datasheet HTML 36Page - Texas Instruments MSP430F147IPM Datasheet HTML 37Page - Texas Instruments MSP430F147IPM Datasheet HTML 38Page - Texas Instruments MSP430F147IPM Datasheet HTML 39Page - Texas Instruments MSP430F147IPM Datasheet HTML 40Page - Texas Instruments MSP430F147IPM Datasheet HTML 41Page - Texas Instruments MSP430F147IPM Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
MSP430x13x, MSP430x14x, MSP430x14x1
MIXED SIGNAL MICROCONTROLLER
SLAS272F − JULY 2000 − REVISED JUNE 2004
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
12-bit ADC, temperature sensor and built-in VMID
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ISENSOR
Operating supply current into
REFON = 0, INCH = 0Ah,
2.2 V
40
120
A
ISENSOR
Operating supply current into
AVCC terminal (see Note 1)
REFON = 0, INCH = 0Ah,
ADC12ON=NA, TA = 25_C
3 V
60
160
µA
VSENSOR†
ADC12ON = 1, INCH = 0Ah,
2.2 V
986
986
±5%
mV
VSENSOR†
ADC12ON = 1, INCH = 0Ah,
TA = 0°C
3 V
986
986
±5%
mV
TCSENSOR†
ADC12ON = 1, INCH = 0Ah
2.2 V
3.55
3.55
±3%
mV/
°C
TCSENSOR†
ADC12ON = 1, INCH = 0Ah
3 V
3.55
3.55
±3%
mV/
°C
tSENSOR(sample)†
Sample time required if channel
ADC12ON = 1, INCH = 0Ah,
2.2 V
30
s
tSENSOR(sample)†
Sample time required if channel
10 is selected (see Note 2)
ADC12ON = 1, INCH = 0Ah,
Error of conversion result
≤ 1 LSB 3 V
30
µs
IVMID
Current into divider at channel 11
ADC12ON = 1, INCH = 0Bh
2.2 V
NA
A
IVMID
Current into divider at channel 11
(see Note 3)
ADC12ON = 1, INCH = 0Bh
3 V
NA
µA
VMID
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh,
2.2 V
1.1
1.1
±0.04
V
VMID
AVCC divider at channel 11
ADC12ON = 1, INCH = 0Bh,
VMID is ~0.5 x VAVCC
3 V
1.5
1.50
±0.04
V
tVMID(sample)
Sample time required if channel
ADC12ON = 1, INCH = 0Bh,
2.2 V
1400
ns
tVMID(sample)
Sample time required if channel
11 is selected (see Note 4)
ADC12ON = 1, INCH = 0Bh,
Error of conversion result
≤ 1 LSB 3 V
1220
ns
† Not production tested, limits characterized
NOTES:
1. The sensor current ISENSOR is consumed if (ADC12ON = 1 and REFON=1), or (ADC12ON=1 AND INCH=0Ah and sample signal
is high). Therefore it includes the constant current through the sensor and the reference.
2. The typical equivalent impedance of the sensor is 51 k
Ω. The sample time required includes the sensor-on time tSENSOR(on).
3. No additional current is needed. The VMID is used during sampling.
4. The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com