Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC404 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC404
Description  Wideband, High-Slew Rate, Monolithic Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC404 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC404 Datasheet HTML 1Page - National Semiconductor (TI) CLC404 Datasheet HTML 2Page - National Semiconductor (TI) CLC404 Datasheet HTML 3Page - National Semiconductor (TI) CLC404 Datasheet HTML 4Page - National Semiconductor (TI) CLC404 Datasheet HTML 5Page - National Semiconductor (TI) CLC404 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLC404 Typical Performance Characteristics (TA = 25°,Av = +6,VCC = ±5V,RL = 100ΩΩ,Rf = 500ΩΩ;unless specified)
Frequency Response, Av = +2v/v
()
1
10
100
-180
-450
-270
-360
-90
0
Rf = 686Ω
Vout = 5Vpp
Vout = 2Vpp
Frequency Response, Av = +6v/v
1
10
100
-180
-450
-270
-360
-90
0
Rf = 499Ω
Vout = 5Vpp
Vout = 2Vpp
Frequency (MHz)
Frequency Response, Av = +20v/v
1
10
100
-180
-450
-270
-360
-90
0
Rf = 301Ω
Vout = 5Vpp
Vout = 2Vpp
Frequency (MHz)
Inverting Frequency Response
1
10
100
-180
-450
-270
-360
-90
0
Vout = 2Vpp
Av = -2
Rf = 698Ω
Av = -1
Rf = 698Ω
Av = -20
Rf = 301Ω
Av = -6
Rf = 499Ω
Frequency (MHz)
Frequency (MHz)
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com