Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KPC357 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KPC357
Description  Mini-flat package General purpose Photo Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC357 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KPC357 Datasheet HTML 1Page - COSMO  Electronics Corporation KPC357 Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
c 2002
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
54
1. Anode
2. Cathode
3. Emitter
4. Collector
Features
1. Opaque type, mini-flat package.
2. Subminiature type
(The volume is smaller than that of our conventional DIP type by
as far as 30%).
3. Current transfer ratio
(CTR:MIN.50% at IF=5mA, Vce=5V)
4. Isolation voltage between input and output (Viso:3750Vrms).
Applications
1. Hybrid substrates that reguire high density mounting.
2. Programmable controllers.
Absolute Maximum Ratings
(Ta=25°C)
Electro-optical Characteristics
(Ta=25°C)
UL 1577 (File No.E169586)
TOLERANCE :+ 0.2mm
t=0.254+0.05mm
Schematic : Top View
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Peak forward current
IFM
1A
Reverse voltage
VR
6V
Power dissipation
P
70
mW
Output
Collector-emitter voltage
VCEO
60
V
Emitter-collector voltage
VECO
5V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Total power dissipation
Ptot
170
mW
Isolation voltage 1 minute
Viso
3750
Vrms
Operating temperature
Topr
-30 to +100
°C
Storage temperature
Tstg
-40 to +125
°C
Soldering temperature 10 seconds
Tsol
260
°C
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF =20mA
—
1.2
1.4
V
Reverse current
IR
VR =4V
—
—
10
uA
Terminal capacitance
Ct
V=0, f=1kHz
—
30
250
pF
Output
Collector dark current
ICEO
VCE =20V, IF=0
—
—
0.1
uA
Collector-emitter breakdown voltage
BVCEO
IC =0.1mA, IF=0
60
—
—
V
Emitter-collector breakdown voltage
BVECO
IE =100uA, IF=0
5
—
—
V
Transfer
Current transfer ratio
CTR
IF =5mA, VCE=5V
50
—
600
%
charac-
Collector-emitter saturation voltage
VCE (sat)
IF =20mA, IC=1mA
—
0.1
0.3
V
teristics
Isolation resistance
Riso
DC500V, 40 to 60%RH
5X10
10
10
11
—
ohm
Floating capacitance
Cf
V=0, f=1MHZ
—
0.6
1.0
pF
Respone time (Rise)
tr
VCE=2V, IC=2mA, RL=100ohm
—5
20
us
Respone time (Fall)
tf
—
4
20
us
Outside Dimension : Unit (mm)
KPC357NT
Mini-flat package General purpose
Photo Coupler
Classification table of current transfer ratio is
shown below.
Hemar AG, Fendler 50, CH-5524 Nesselnbach, Tel: +41 (0)56 618 31 41, Fax +41 (0)56 618 31 42 http://www.hemar.ch


Similar Part No. - KPC357

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
KPC357NT TAITRON-KPC357NT Datasheet
170Kb / 8P
Mini-flat Package General Purpose Photo Coupler
logo
COSMO Electronics Corp...
KPC357NT0T COSMO-KPC357NT0T Datasheet
94Kb / 6P
High Reliability Photocoupler
KPC357NT0TATLD COSMO-KPC357NT0TATLD Datasheet
214Kb / 10P
4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0TATRU COSMO-KPC357NT0TATRU Datasheet
214Kb / 10P
4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0TBTLD COSMO-KPC357NT0TBTLD Datasheet
214Kb / 10P
4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - KPC357

ManufacturerPart #DatasheetDescription
logo
AUK corp
SPC714M AUK-SPC714M Datasheet
53Kb / 3P
Mini Flat Photo Coupler
SPC715M AUK-SPC715M Datasheet
54Kb / 3P
Mini Flat Photo Coupler
SPC717M AUK-SPC717M Datasheet
53Kb / 3P
Mini Flat Photo Coupler
SPC814M AUK-SPC814M Datasheet
53Kb / 3P
Mini Flat Photo Coupler
SPC815M AUK-SPC815M Datasheet
54Kb / 3P
Mini Flat Photo Coupler
SPC817M AUK-SPC817M Datasheet
53Kb / 3P
Mini Flat Photo Coupler
logo
COSMO Electronics Corp...
KPC354NT COSMO-KPC354NT Datasheet
280Kb / 2P
Mini-flat package AC Input type Photo Coupler
logo
TAITRON Components Inco...
KPC357NT TAITRON-KPC357NT Datasheet
170Kb / 8P
Mini-flat Package General Purpose Photo Coupler
logo
Sharp Corporation
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
Mini-flat Package,General Purpose Photocoupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com