Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C51RB2BA/01 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # P89C51RB2BA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RB2BA/01 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button P89C51RB2BA/01 Datasheet HTML 41Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 42Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 43Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 44Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 45Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 46Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 47Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 48Page - NXP Semiconductors P89C51RB2BA/01 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
45
BootROM that is shadowed over a portion of the user code memory
space. A user program simply calls the common entry point with
appropriate parameters in the BootROM to accomplish the desired
operation. BootROM operations include: erase block, program byte,
verify byte, program security bit, etc. The BootROM overlays the
program memory space at the top of the address space from FC00
to FFFF hex, when it is enabled. The BootROM may be turned off so
that the upper 1 kbyte of user program memory is accessible for
execution.
Clock Mode
The clock mode feature sets operating frequency to be 1/12 or 1/6 of
the oscillator frequency. The clock mode configuration bit, FX2, is
located in the Security Block (See Table 8). FX2, when programmed,
will override the SFR clock mode bit (X2) in the CKCON register. If
FX2 is erased, then the SFR bit (X2) may be used to select between
6-clock and 12-clock mode.
Table 8.
CLOCK MODE CONFIG BIT (FX2)
X2 bit in CKCON
DESCRIPTION
erased
0
12-clock mode (default)
erased
1
6-clock mode
programmed
x
6-clock mode
NOTE:
1. Default clock mode after ChipErase is set to SFR selection.
FLASH MEMORY SPACES
Flash User Code Memory Organization
FFFF
C000
8000
4000
2000
0000
PROGRAM
ADDRESS
BOOT ROM
(1 kB)
FFFF
FC00
SU01614
89C51RD2xx
89C51RC2xx
89C51RB2xx
89C51RA2xx
BLOCK 1
BLOCK 0
BLOCK 3
BLOCK 2
BLOCK 5
BLOCK 4
BLOCK 7
BLOCK 6
BLOCK 9
BLOCK 8
BLOCK 11
BLOCK 10
BLOCK 13
BLOCK 12
BLOCK 15
BLOCK 14
Each block is
4 kbytes in size
Figure 40. Flash Memory Configurations
Power-On Reset Code Execution
The P89C51RA2/RB2/RC2/RD2xx contains two special Flash
registers: the BOOT VECTOR and the STATUS BYTE. At the falling
edge of reset, the P89C51RA2/RB2/RC2/RD2xx examines the
contents of the Status Byte. If the Status Byte is set to zero,
power-up execution starts at location 0000H, which is the normal
start address of the user’s application code. When the Status Byte is
set to a value other than zero, the contents of the Boot Vector is
used as the high byte of the execution address and the low byte is
set to 00H. The factory default setting is 0FCH, corresponds to the
address 0FC00H for the factory masked-ROM ISP boot loader. A
custom boot loader can be written with the Boot Vector set to the
custom boot loader.
NOTE:
When erasing the Status Byte or Boot Vector, both
bytes are erased at the same time. It is necessary to reprogram
the Boot Vector after erasing and updating the Status Byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com