Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SF11 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SF11
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SF11 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SF11 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SF11 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF11 THRU SF18
0
100
25
50
75
125
150
175
0
1.0
0.5
1.5
FIG.1-MAXIMUM AVERAGE FORWARD CURRENT DERATING
AMBIENT TEMPERATURE ( C)
°
0.1
1.0
100
10
0.01
0.10
1.00
0
10
5
15
25
20
10.00
20
0
40
60
80
100
120
1
10
100
0.4
0.6
1.0
0.8
1.8
1.2
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
-
T =25 C
J
°
T =100 C
J
°
0
0.1
0.5
1
5
2
10
50
20
100
20
60
80
120
40
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
SF15
SF18
-
SF11
SF14
-
SF15
SF16
-
SF17
SF18
-
FIG.3-TYPICAL FORWARD CHARACTERISTICS
140
Resistive or
Inductive Load
Single Phase Half Wave 60Hz
0 375
9 5mm Lead Length
.
''( .
)
140
1000
1.6
1.4
100
50
20
5
2
30
35
200
500 1000
SF11
SF14
-
Tj 25°C
Pulse Width=300 s
1% Duty Cycle
=
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
9-3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com