Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VWRBT3 Datasheet(PDF) 1 Page - CUI INC

Part # VWRBT3
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBT3 Datasheet(HTML) 1 Page - CUI INC

  VWRBT3 Datasheet HTML 1Page - CUI INC VWRBT3 Datasheet HTML 2Page - CUI INC VWRBT3 Datasheet HTML 3Page - CUI INC VWRBT3 Datasheet HTML 4Page - CUI INC VWRBT3 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/11/2012
page
1 of 5
SERIES:
VWRBT3 │ DESCRIPTION: DC-DC CONVERTER
date
09/11/2012
page
1 of 5
FEATURES
• 3 W isolated output
• wide input (2:1)
• industry standard 16 pin SIP package style
• single unregulated outputs
• 1,500 V isolation
• short circuit protection
• wide temperature (-40~85°C)
• efficiency up to 81%
RoHS
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
VWRBT3-D12-S3.3-SMT
12
9~18
3.3
83
833
3
75
72
VWRBT3-D12-S5-SMT
12
9~18
5
60
600
3
75
74
VWRBT3-D12-S12-SMT
12
9~18
12
25
250
3
75
78
VWRBT3-D12-S15-SMT
12
9~18
15
20
200
3
75
80
VWRBT3-D24-S3.3-SMT
24
18~36
3.3
83
833
3
75
72
VWRBT3-D24-S5-SMT
24
18~36
5
60
600
3
75
74
VWRBT3-D24-S12-SMT
24
18~36
12
25
250
3
75
78
VWRBT3-D24-S15-SMT
24
18~36
15
20
200
3
75
80
VWRBT3-D48-S3.3-SMT
48
36~72
3.3
83
833
3
75
72
VWRBT3-D48-S5-SMT
48
36~72
5
60
600
3
75
74
VWRBT3-D48-S12-SMT
48
36~72
12
25
250
3
75
78
VWRBT3-D48-S15-SMT
48
36~72
15
20
200
3
75
80
Notes:
1. ripple and noise are measured at 20 Hz BW
PART NUMBER KEY
VWRBT3 - DXX - SXX -SMT
Input Voltage
Output Voltage
Base Number
Packaging Style
For more information, please visit the product page.


Similar Part No. - VWRBT3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRBT1 CUI-VWRBT1 Datasheet
246Kb / 3P
dc-dc converter
VWRBT1-D12-S12-SMT CUI-VWRBT1-D12-S12-SMT Datasheet
246Kb / 3P
dc-dc converter
VWRBT1-D12-S15-SMT CUI-VWRBT1-D12-S15-SMT Datasheet
246Kb / 3P
dc-dc converter
VWRBT1-D12-S3.3-SMT CUI-VWRBT1-D12-S3.3-SMT Datasheet
246Kb / 3P
dc-dc converter
VWRBT1-D12-S5-SMT CUI-VWRBT1-D12-S5-SMT Datasheet
246Kb / 3P
dc-dc converter
More results

Similar Description - VWRBT3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com