Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRV5221 Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRV5221
Description  Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRV5221 Datasheet(HTML) 3 Page - Comchip Technology

  CZRV5221 Datasheet HTML 1Page - Comchip Technology CZRV5221 Datasheet HTML 2Page - Comchip Technology CZRV5221 Datasheet HTML 3Page - Comchip Technology CZRV5221 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount Zener Diode
www.comchip.com.tw
COMCHIP
COMCHIP
M
DS0209001A
Page 3
TYPICAL REVERSE CURRENT
NOMINAL ZENER VOLTAGE, Volts
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
-2
-3
STEADY STATE POWER DERATING
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
100
10
1
1000
100
10
1
IZ =1mA
5mA
20 mA
NORMAL ZENER VOLTAGE, Volts
TJ=25 C
O
IZ(AC)=0.1I
F=1 kHZ
Z(DC)
TYPICAL FORWARD VOLTAGE
FORWARD VOLTAGE, Volts
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 C
O
5C
O
25 C
O
150 C
O
TYPICAL CAPACITANCE
100
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
0 V BIAS
1 V BIAS
NOMINAL ZENER VOLTAGE, Volts
T =25 C
A
o
100
10
1
NOMINAL ZENER VOLTAGE, Volts
10
100
TEMPERATURE ( C)
o
STEADY STATE POWER DERATING
1.2
1.0
0.8
0.6
0.4
0.2
0
150
125
100
75
50
25
PDV.S.TA
155



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com