Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF22-1416SCF Datasheet(PDF) 5 Page - Hirose Electric

Part # DF22-1416SCF
Description  7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF22-1416SCF Datasheet(HTML) 5 Page - Hirose Electric

  DF22-1416SCF Datasheet HTML 1Page - Hirose Electric DF22-1416SCF Datasheet HTML 2Page - Hirose Electric DF22-1416SCF Datasheet HTML 3Page - Hirose Electric DF22-1416SCF Datasheet HTML 4Page - Hirose Electric DF22-1416SCF Datasheet HTML 5Page - Hirose Electric DF22-1416SCF Datasheet HTML 6Page - Hirose Electric DF22-1416SCF Datasheet HTML 7Page - Hirose Electric DF22-1416SCF Datasheet HTML 8Page - Hirose Electric DF22-1416SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
BPCB mounting pattern
(Board thickens: 1.6±0.1)
Cavity No.
No. of contacts
indicator
10.8
2.3
0.8
9.3
10.8
3.2
3.9
8.7
1
Cavity No.
No. of contacts
indicator
Contact No. 1
indicator
A
B
Ø1.5
3.45
0.8
4.35
1 Pos.
2-R0.5
2.5
+0.1
0
8.5
+0.1
--0.2
11.1±0.1
1 Pos.
3.45±0.05
Ø1.6
+
0.1
0
P=7.92±0.05
B±0.05
2 to 5 Pos.
2 to 5 Pos.
sStraight header
Note: Bag packaging (100 pieces/bag). Order by number of bags.
CL No.
Part Number
Number of contacts
A
B
DF22-1P-7.92DSA
DF22-2P-7.92DSA
DF22-3P-7.92DSA
DF22-4P-7.92DSA
DF22-5P-7.92DSA
1
2
3
4
5
10.08
17.22
25.14
33.06
40.98
-----
7.92
15.84
23.76
31.68
Standard Type (Guide Key: Inside, Color: Natural Beige)
680-1013-5
680-1014-8
680-1015-0
680-1016-3
680-1017-6
CL No.
Part Number
Number of contacts
A
B
DF22R-1P-7.92DSA
DF22R-2P-7.92DSA
DF22R-3P-7.92DSA
DF22R-4P-7.92DSA
DF22R-5P-7.92DSA
1
2
3
4
5
10.08
17.22
25.14
33.06
40.98
-----
7.92
15.84
23.76
31.68
R Type (Guide Key: Right Side, Color: Black)
680-1036-0
680-1037-3
680-1038-6
680-1039-9
680-1040-8
CL No.
Part Number
Number of contacts
A
B
DF22L-1P-7.92DSA
DF22L-2P-7.92DSA
DF22L-3P-7.92DSA
DF22L-4P-7.92DSA
DF22L-5P-7.92DSA
1
2
3
4
5
10.08
17.22
25.14
33.06
40.98
-----
7.92
15.84
23.76
31.68
L Type (Guide Key: Left Side, Color: Red)
680-1041-0
680-1042-3
680-1043-6
680-1044-9
680-1045-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com