Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRL55C Datasheet(PDF) 2 Page - Comchip Technology

Part # CZRL55C
Description  Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL55C Datasheet(HTML) 2 Page - Comchip Technology

  CZRL55C Datasheet HTML 1Page - Comchip Technology CZRL55C Datasheet HTML 2Page - Comchip Technology CZRL55C Datasheet HTML 3Page - Comchip Technology CZRL55C Datasheet HTML 4Page - Comchip Technology CZRL55C Datasheet HTML 5Page - Comchip Technology CZRL55C Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MDS0303006A
Page 2
Surface Mount Zener Diodes
Surface Mount Zener Diodes
COMCHIP
COMCHIP
www.comchiptech.com
Type
y = B for ±2% VZ
at IZ = 5mA
at IZ = 1mA
y = F for ±3% VZ
f = 1kHZ
f = 1kHZ
y = C for ±5% VZ
rzj (ohm) max
rzj (ohm) max
Min
Max
IR (uA)
at VR (V)
CZRL55C2V4
100.0
600
–0.08
–0.06
50
1
CZRL55C2V7
100.0
600
–0.08
–0.06
20
1
CZRL55C3V0
95.0
600
–0.08
–0.06
10
1
CZRL55C3V3
95.0
600
–0.08
–0.05
5
1
CZRL55C3V6
90.0
600
–0.08
–0.04
5
1
CZRL55C3V9
90.0
600
–0.07
–0.03
3
1
CZRL55C4V3
90.0
600
–0.04
–0.01
3
1
CZRL55C4V7
80.0
500
–0.03
+0.01
3
2
CZRL55C5V1
60.0
480
–0.02
+0.05
2
2
CZRL55C5V6
40.0
400
–0.01
+0.06
1
2
CZRL55C6V2
10.0
150
0
+0.07
3
4
CZRL55C6V8
15.0
80
+0.01
+0.08
2
4
CZRL55C7V5
15.0
80
+0.01
+0.09
1
5
CZRL55C8V2
15.0
80
+0.01
+0.09
0.7
5
CZRL55C9V1
15.0
100
+0.02
+0.1
0.5
6
CZRL55C10
20.0
150
+0.03
+0.11
0.2
7
CZRL55C11
20.0
150
+0.03
+0.11
0.1
8
CZRL55C12
25.0
150
+0.03
+0.11
0.1
8
CZRL55C13
30.0
170
+0.03
+0.11
0.1
8
CZRL55C15
30
200
+0.03
+0.11
0.05
10
CZRL55C16
40
200
+0.03
+0.11
0.05
11
CZRL55C18
45
225
+0.03
+0.11
0.05
13
CZRL55C20
55
225
+0.03
+0.11
0.05
14
CZRL55C22
55
250
+0.03
+0.11
0.05
15
CZRL55C24
70
250
+0.04
+0.12
0.05
17
CZRL55C27
80(3)
300(4)
+0.04(3)
+0.12 (3)
0.05
19
CZRL55C30
80(3)
300(4)
+0.04(3)
+0.12 (3)
0.05
21
CZRL55C33
80(3)
325(4)
+0.04(3)
+0.12 (3)
0.05
23
CZRL55C36
90(3)
350(4)
+0.043)
+0.12 (3)
0.05
25
CZRL55C39
130(3)
350(4)
+0.04(3)
+0.12 (3)
0.05
27
CZRL55C43
150(3)
375(4)
+0.04(3)
+0.12 (3)
0.05
30
CZRL55C47
170(3)
375(4)
+0.04(3)
+0.12 (3)
0.05
33
CZRL55C51
180(3)
400(4)
+0.04(3)
+0.12 (3)
0.05
36
CZRL55C56
200(3)
425(4)
0.05
39
CZRL55C62
215(3)
450(4)
0.05
43
CZRL55C68
240(3)
475(4)
0.05
48
CZRL55C75
255(3)
500(4)
0.05
53
Temperature coefficient of
Zener Voltage at IZ = 5mA
typ. +0.1(3)
Dynamic Resistance
VZ (% / °C)
Notes:
(1) Tested with pulses tp = 5 ms.
(2) Valid provided that electrodes are kept at ambient temperature.
(3) at IZ = 2.0 mA
(4) at IZ = 0.5 mA
y = Zener voltage tolerance designator (see next page for VZ specifications)
Maximum Ratings and Electrical Characterics
(TA=25°C unless otherwise noted) Max. VF = 0.9V at IF = 10mA
typ. +0.1(3)
typ. +0.1(3)
typ. +0.1(3)
Reverse leakage current
at Tamb = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com