Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRC5350 Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRC5350
Description  Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRC5350 Datasheet(HTML) 1 Page - Comchip Technology

  CZRC5350 Datasheet HTML 1Page - Comchip Technology CZRC5350 Datasheet HTML 2Page - Comchip Technology CZRC5350 Datasheet HTML 3Page - Comchip Technology CZRC5350 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Voltage: 11 - 200 Volts
Power: 5.0 Watts
CZRC5348 Thru CZRC5388
Features
For surface mounted applications in order
Low profile package
Glass passivated junction
Low inductance
Built-in strain relief
High temper ature soldering :260
°C
/10 seconds at terminals
Mechanical data
Case: JEDEC DO -214AB Molded plastic
over passivated junction
Terminals: Solder plated, solderable per,
MIL-STD-750, method 2026
Standard Packaging: 16mm tape(EIA- 481)
Weight: 0.007 ounce, 0.21 gram
to optimize board space
Surface Mount Zener Diode
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS021101
3A
Page 1
SMC/DO-214AB
Dimensions in inches and (millimeter)
0.008(0.20)
0.0203(0.10)
0.124(3.15)
0.108(2.75)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.245(6.22)
0.220(5.59)
0.280(7.11)
0.260(6.60)
0.012(0.31)
0.006(0.15)
0.320(8.13)
0.305(7.75)
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
DC Power Dissipation @ TL=75°C, Measure at Zero Lead Length(Fig. 1)
Derate above 75°C (Note 1)
PD
5.0
40.0
Watts
mW/°C
Peak forward Surge Current 8.3ms single half sine-wave superimposed on rated
load(JEDEC Method) (Note 1,2)
IFSM
See Fig. 5
Amps
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
NOTES:
1. Mounted on 8.0mm
2 copper pads to each terminal.
2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minute maximum.


Similar Part No. - CZRC5350

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
SMD Zener Diode
CZRC5366B-G COMCHIP-CZRC5366B-G Datasheet
130Kb / 6P
SMD Zener Diode
More results

Similar Description - CZRC5350

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com