Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZRC5367 Datasheet(PDF) 4 Page - Comchip Technology

Part # CZRC5367
Description  Surface Mount Zener Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRC5367 Datasheet(HTML) 4 Page - Comchip Technology

  CZRC5367 Datasheet HTML 1Page - Comchip Technology CZRC5367 Datasheet HTML 2Page - Comchip Technology CZRC5367 Datasheet HTML 3Page - Comchip Technology CZRC5367 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rating and Characteristic Curves (CZRC5348 Thru CZRC5388)
www.comchip.com.tw
COMCHIP
COMCHIP
MDS021101
3A
Page 4
Surface Mount Zener Diode
30
20
10
5
2
1
0.5
0.2
0.1
1
10
100
1000
VZ = 6.8V
VZ = 200V
PLOTTED FROM INFORMATION
GIVENINFIGURE 6
1000
100
10
1
0.1
1234
56789
10
T= 25°C
T
C = 25°C
VZ, ZENER VOLTAGE (VOLTS)
Fig. 6-PEAK SURGE CURRENT VERSUS PULSE
WIDTH(SEE NOTE 3)
Fig. 7-ZENER VOLTAGE VERSUS ZENER CURRENT
VZ = 6.8 THRU 10 VOLTS
1000
100
10
1
0.1
10
20
30
40
70
T= 25°C
VZ, ZENER VOLTAGE (VOLTS)
1000
100
10
1
0.1
80
100
120
140
160
180
200
220
VZ, ZENER VOLTAGE (VOLTS)
Fig. 8-ZENER VOLTAGE VERSUS ZENER CURRENT
VZ = 11 THRU 75 VOLTS
Fig. 9-ZENER VOLTAGE VERSUS ZENER CURRENT
VZ = 82 THRU 200 VOLTS
Data of Figure 3 should not be used to compute surge capability. Surge limitations are given in Figure 5. They are
lower than would be expected by considering only junction temperature, as current crowding effects cause
temperatures to be extremely high in small spots resulting in device degradation should the limits of Figure. 5 be
exceeded



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com