Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDST914 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST914
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST914 Datasheet(HTML) 1 Page - Comchip Technology

  CDST914 Datasheet HTML 1Page - Comchip Technology CDST914 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage:
100 Volts
Current
:
200mA
CDST 914
CDST 914
Surface Mount Switching Diode
www.comchip.com.tw
COMCHIP
COMCHIP
Features
Fast Switching Speed
Surface Mount Package Ideally Suite4d for
Automatic Insertion
For General Purpose Switching Applications
High Conductance
SOT-23
Dimensions in inches (millimeters)
.037(0.95) .037(0.95)
.119 (3.0)
.020 (0.5)
.020 (0.5)
Top View
.103 (2.6)
.110 (2.8)
.086 (2.2)
.020 (0.5)
Mechanical Data
Case: SOT -23, Plastic
Terminals : Solderable per NIL-STD -202,
Method 208
Approx. Weight: 0.008 gram
Rating
Symbol
Value
Units
Continuous Reverse Voltage
VR
100
VDC
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Characteristic
Symbol
Max
Units
Total Device Dissipation FR– 5 Board(1)
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R JA
556
°C/W
Total Device Dissipation Alumina Substrate,(2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R JA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
Characteristic (OFF CHARACTERISTICS)
Symbol
Min
Max
Units
Reverse Breakdown Voltage ( I(BR) = 100 uAdc )
V(BR)
100
-
Vdc
Reverse Voltage Leakage Current
VR = 20 Vdc
-
25
nAdc
V R = 75 Vdc
-
50
uAdc
Diode Capacitance (VR = 0, f = 1.0 MHz))
CT
4.0
pF
Forward Voltage
I F = 10 mAdc
VF
-
1.0
Vdc
Reverse Recovery Time (IF = IR = 10 mAdc)
Trr
4.0
nS
1.FR–5 = 1.0 X 0.75X 0.062 in.
2.Alumina = 0.4X 0.3X 0.024 in. 99.5% alumina.
PD
Electrical Characterics (TA = 25°C unless otherwise noted)
IR
Maximum Ratings
Thermal Characteristics
PD
MDS0210002A
Page 1
1
ANODE
3
CATHODE
3
2
1


Similar Part No. - CDST914

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
CDST99 KEXIN-CDST99 Datasheet
772Kb / 2P
Switching Diodes
More results

Similar Description - CDST914

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com