Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TV04A5V0KB Datasheet(PDF) 4 Page - Comchip Technology

Part # TV04A5V0KB
Description  SMD Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A5V0KB Datasheet(HTML) 4 Page - Comchip Technology

  TV04A5V0KB Datasheet HTML 1Page - Comchip Technology TV04A5V0KB Datasheet HTML 2Page - Comchip Technology TV04A5V0KB Datasheet HTML 3Page - Comchip Technology TV04A5V0KB Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0211009A
Page 4
Note:
1) Suffix K Denotes 10% tolerance devices, suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify bi-directional devices.
3) For bi-directional devices having VR of 10 volts and under, the IR limit is double.
Part No.
VRWM
VBR Min VBR Ma x
IT
IFSM
IR @VRWM
( V )
( V )
( V )
( mA ) (A) @8 .3m S
( V )
Ipp(A)
( uA )
UNI
BI
TV04A480K(B)
48.00
53.3
65.1
1
40
85.5
4.7
5
CW
YW
TV04A480J(B)
48.00
53.3
58.9
1
40
77.4
5.2
5
CX
YX
TV04A510K(B)
51.00
56.7
69.3
1
40
91.1
4.4
5
CY
YY
TV04A510J(B)
51.00
56.7
62.7
1
40
82.4
4.9
5
CZ
YZ
TV04A540K(B)
54.00
60.0
73.3
1
40
96.3
4.2
5
RD
ZD
TV04A540J(B)
54.00
60.0
66.3
1
40
87.1
4.6
5
RE
ZE
TV04A580K(B)
58.00
64.4
78.7
1
40
103.0
3.9
5
RF
ZF
TV04A580J(B)
58.00
64.4
71.2
1
40
93.6
4.3
5
RG
ZG
TV04A600K(B)
60.00
66.7
81.5
1
40
107.0
3.7
5
RH
ZH
TV04A600J(B)
60.00
66.7
73.7
1
40
96.8
4.1
5
RK
ZK
TV04A640K(B)
64.00
71.1
86.9
1
40
114.0
3.5
5
RL
ZL
TV04A640J(B)
64.00
71.1
78.6
1
40
103.0
3.9
5
RM
ZM
TV04A700K(B)
70.00
77.8
95.0
1
40
125.0
3.2
5
RN
ZN
TV04A700J(B)
70.00
77.8
86.0
1
40
113.0
3.5
5
RP
ZP
TV04A750K(B)
75.00
83.3
102
1
40
134.0
3.0
5
RQ
ZQ
TV04A750J(B)
75.00
83.3
92.1
1
40
121.0
3.3
5
RR
ZR
TV04A780K(B)
78.00
86.7
106
1
40
139.0
2.9
5
RS
ZS
TV04A780J(B)
78.00
86.7
95.8
1
40
126.0
3.2
5
RT
ZT
TV04A850K(B)
85.00
94.4
115
1
40
151.0
2.6
5
RU
ZU
TV04A850J(B)
85.00
94.4
104
1
40
137.0
2.9
5
RV
ZV
TV04A900K(B)
90.00
100
122
1
40
160.0
2.5
5
RW
ZW
TV04A900J(B)
90.00
100
111
1
40
146.0
2.7
5
RX
ZX
TV04A101K(B)
100.00
111
136
1
40
179.0
2.2
5
RY
ZY
TV04A101J(B)
100.00
111
123
1
40
162.0
2.5
5
RZ
ZZ
TV04A111K(B)
110.00
122
149
1
40
196.0
2.0
5
SD
VD
TV04A111J(B)
110.00
122
135
1
40
177.0
2.3
5
SE
VE
TV04A121K(B)
120.00
133
163
1
40
214.0
1.9
5
SF
VF
TV04A121J(B)
120.00
133
147
1
40
193.0
2.0
5
SG
VG
TV04A131K(B)
130.00
144
176
1
40
231.0
1.7
5
SH
VH
TV04A131J(B)
130.00
144
159
1
40
209.0
1.9
5
SK
VK
TV04A151K(B)
150.00
167
204
1
40
268.0
1.5
5
SL
VL
TV04A151J(B)
150.00
167
185
1
40
243.0
1.6
5
SM
VM
TV04A161K(B)
160.00
178
218
1
40
287.0
1.4
5
SN
VN
TV04A161J(B)
160.00
178
197
1
40
259.0
1.5
5
SP
VP
TV04A171K(B)
170.00
189
231
1
40
304.0
1.3
5
SQ
VQ
TV04A171J(B)
170.00
189
209
1
40
275.0
1.4
5
SR
VR
Max Vc
Marking Code
Absolute Max imum Ra ting (Ta=25 C)
Electrical Characteristics (Ta=25 C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com