Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VQC15 Datasheet(PDF) 2 Page - CUI INC

Part # VQC15
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQC15 Datasheet(HTML) 2 Page - CUI INC

  VQC15 Datasheet HTML 1Page - CUI INC VQC15 Datasheet HTML 2Page - CUI INC VQC15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
2 of 3
09/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VCQ15
INPUT
Input Voltage Range
24V:
9-36V
48V: 18-72V
Input Filter
Pi Type
OUTPUT
Voltage Accuracy
Single Output
±1.0% max.
Dual +Output
±1.0% max.
-Output
±3.0% max.
Triple, 5V
±2.0% max.
12V/15V
±3.0% max.
Voltage Balence (Dual)
±1.0%max
Transient Response: Single, 25% Step Load Change
<500μ sec.
Dual, FL-1/2±1% Error Band
<500μ sec.
External Trim Adj. Range
±10%
Ripple & Noise
20MHz BW
10mV RMS., max
75mV p-p, max
Short Circuit Protection
Continuous
Line Regulation1
Single/Dual
±0.2% max.
Triple
±1.0% max.
Load Regulation2
Single/Dual
±1.0% max.
Triple
±5.0% max.
SAFETY & EMI
Isolation Voltage
500VDC min.
Isolation Resistance
109Ohm min.
Case Grounding
Connected to Output common
UL/cUL
UL60950-1
EMI/RFI
Six Sided Continuous Shield
ENVIRONMENTAL
Operating Temperature Range
-25°C to +71°C
Case Temperature
100°C max.
Cooling
Free-Air Convection
Storage Temperature
-55°C to +105°C
Temperature Coefficient
±0.02%/°C
GENERAL SPECIFICATIONS
Efficiency
see table
Switching Frequency
300KHz, Type
Dimensions
2x2x0.4 inches
(50.8x50.8x10.2mm)
Case Material
Black coated copper with non-
conductive base
NOTES:
1. Measured from High Line to Low Line
2. Measured from Full Load to 1/4 Load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com