Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VYC30W-T Datasheet(PDF) 2 Page - CUI INC

Part # VYC30W-T
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VYC30W-T Datasheet(HTML) 2 Page - CUI INC

  VYC30W-T Datasheet HTML 1Page - CUI INC VYC30W-T Datasheet HTML 2Page - CUI INC VYC30W-T Datasheet HTML 3Page - CUI INC VYC30W-T Datasheet HTML 4Page - CUI INC VYC30W-T Datasheet HTML 5Page - CUI INC VYC30W-T Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: VYC30W-T │ DESCRIPTION: DC-DC CONVERTER
date
08/31/2012 │ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
9
18
24
48
36
75
Vdc
Vdc
start-up time
10
ms
under voltage lockout
power up 24 V input
power up 48 V input
power down 24 V input
power down 48 V input
8
16.0
9.0
17.8
Vdc
Vdc
Vdc
Vdc
Remote on/off1
module off
module on (or open circuit)
0
3.5
1.2
12
Vdc
Vdc
filter
PI type
Notes:
1. The on/off pin voltage is referenced to GND
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
measured from low line to high line
±0.2
±0.5
%
load regulation
measured from 10% to full load
±0.5
±1
%
voltage accuracy
refer to recommended circuit
±1
±3
%
transient recovery time
25% step load charge
300
500
μs
transient peak deviation
25% rated load
300
μs
cross regulation
dual output models
main output 50%,
supplemental output from
10~100% load
±5
%
adjustability
±10%
Vdc
switching frequency
100% load, input voltage range
400
kHz
temperature coefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
hiccups, automatic recovery
over current protection
all models
input voltage range
130
%
over voltage protection
single and dual
output models
5 V
12 V
15 V
6.1
15
18
Vdc
Vdc
Vdc
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
tested for 1 minute at 1 mA max.
1,500
Vdc
isolation resistance
at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz / 0.1 V
2,000
pF
RoHS compliant
yes
MTBF
M1L-HDBK-217F
1,000,000
hours
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com