Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC449 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC449
Description  1.1GHz Ultra-Wideband Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC449 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC449 Datasheet HTML 1Page - National Semiconductor (TI) CLC449 Datasheet HTML 2Page - National Semiconductor (TI) CLC449 Datasheet HTML 3Page - National Semiconductor (TI) CLC449 Datasheet HTML 4Page - National Semiconductor (TI) CLC449 Datasheet HTML 5Page - National Semiconductor (TI) CLC449 Datasheet HTML 6Page - National Semiconductor (TI) CLC449 Datasheet HTML 7Page - National Semiconductor (TI) CLC449 Datasheet HTML 8Page - National Semiconductor (TI) CLC449 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
http://www.national.com
Figure 2: Inverting Gain
The normalized gain plots in the
Typical Performance
Characteristics section show different feedback resistors,
Rf, for different gains. These values of Rf are recommended
for obtaining the highest bandwidth with minimal peaking.
The resistor Rt in Figure 2 provides DC bias for the non-
inverting input.
For |Av|
≤ 4, calculate the recommended R
f as follows:
Rf
≅ 295 - |A
v| • Ri, where Ri = 45Ω. For |Av| > 4, the
minimum recommended feedback resistor is Rf = 100 Ω.
Select Rg to set the DC gain:
At large gains, Rg becomes small and will load the
previous stage.
This situation is resolved by driving
Rg with a low impedance buffer like the CLC111,
or increasing Rf and Rg (see the Bandwidth (Small
Signal) sub-section for the tradeoffs).
Accurate DC gain is usually limited by the tolerance of
the external resistors Rf and Rg.
Bandwidth (Small Signal)
The CLC449 current-feedback amplifier bandwidth is a
function of the feedback resistor (Rf), not of the DC volt-
age gain (Av).
The bandwidth is approximately
proportional to 1/Rf. As a rule, if Rf doubles, the band-
width is cut in half. Other AC specifications will also be
degraded.
Decreasing Rf from the recommended
value increases peaking and for very small values of
Rf oscillation will occur.
With an inverting amplifier design, peaking is sometimes
observed. This is often the result of layout parasitics
caused by inadequate ground planes or long traces. If
this is observed, placing a 50 to 200
Ω resistor between
the non-inverting pin and ground will usually reduce the
peaking.
Bandwidth (Minimum Slew Rate)
Slew rate influences the bandwidth for large signal
sinusoids. To determine an approximate value of slew
rate, necessary to support large sinusoids use the
following equation:
SR
≅ 5 • f • V
peak
Vpeak is the peak output sinusoidal voltage, f is the
frequency of the sinusoid.
The slew rate of the CLC449 in inverting gains is always
higher than in non-inverting gains.
DC Design (Level Shifting)
Figure 3 shows a DC level shifting circuit for inverting
gain configurations. Vref produces a DC output level shift
of
which is independent of the DC output produced by Vin.
Figure 3: Level Shifting Circuit
DC Design (Single Supply)
Figure 4 is a typical single-supply circuit. Resistors R1
and R2 form a voltage divider that sets the non-inverting
input DC voltage. This circuit has a DC gain of 1. The
coupling capacitor C1 isolates the DC bias point from the
previous stage.
Both capacitors make a high pass
response; the high frequency gain is determined by Rf
and Rg.
Figure 4: Single Supply Circuit
The complete gain equation for the circuit in Figure 4 is:
where s = j
ω, τ
1 = (R1|| R2)
•
C1, and τ2 = RgC2.
DC Design (DC Offsets)
The DC offset model shown in Figure 5 is used to
calculate the output offset voltage. The equation for out-
put offset voltage is:
The current offset terms, IBN and IBI, do not track each
other. The specifications are stated in terms of
magnitude only. Therefore, the terms Vos, IBN, and IBI
may have either positive or negative polarity. Matching
the equivalent resistance seen at both input pins does
not reduce the output offset voltage.
+
-
CLC449
Rf
0.1
µF
6.8
µF
Vo
Vin
Vcc
0.1
µF
6.8
µF
Vee
Rg
Rt
3
2
4
7
6
+
+
R
R
|A |
g
f
v
=
-V
R
R
ref
f
ref
⋅
Vin
Req2
+
-
CLC449
Rf
Vo
Vref
Rref
Req1
+
-
CLC449
Rf
Vo
Vin
Vcc
Rg
R2
R1
Vcc
C1
C2
VV
I
R
1
R
R
IR
oos
BN
eq1
f
eq2
BI
f
=−
+
⋅
()⋅+
 +⋅
()
V
V
s
1s
1s
1
R
R
1s
o
in
1
1
2
f
g
2
=
+
⋅
+⋅ +
+
τ
τ
τ
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com