Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XR4151CP Datasheet(PDF) 7 Page - Exar Corporation

Part # XR4151CP
Description  Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR4151CP Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR4151CP Datasheet HTML 3Page - Exar Corporation XR4151CP Datasheet HTML 4Page - Exar Corporation XR4151CP Datasheet HTML 5Page - Exar Corporation XR4151CP Datasheet HTML 6Page - Exar Corporation XR4151CP Datasheet HTML 7Page - Exar Corporation XR4151CP Datasheet HTML 8Page - Exar Corporation XR4151CP Datasheet HTML 9Page - Exar Corporation XR4151CP Datasheet HTML 10Page - Exar Corporation XR4151CP Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
;5

5HY 
)UHTXHQF\WR9ROWDJH &RQYHUVLRQ
7KH ;5 FDQ EH XVHG DV D IUHTXHQF\WRYROWDJH
FRQYHUWHU )LJXUH  VKRZV WKH VLQJOHVXSSO\ )9&
FRQILJXUDWLRQ :LWK QR VLJQDO DSSOLHG WKH UHVLVWRU ELDV
QHWZRUNV WLHG WR SLQV  DQG  KROG WKH LQSXW FRPSDUDWRU LQ
WKH RII VWDWH $ QHJDWLYH JRLQJ SXOVH DSSOLHG WR SLQ  RU
SRVLWLYH SXOVH WR SLQ  ZLOO FDXVH WKH FRPSDUDWRU WR ILUH WKH
RQHVKRW )RU SURSHU RSHUDWLRQ WKH SXOVH ZLGWK PXVW EH
OHVV WKDQ WKH SHULRG RI WKH RQHVKRW 7  5& )RU D
9SS VTXDUHZDYH LQSXW WKH GLIIHUHQWLDWRU QHWZRUN
IRUPHG E\ WKH LQSXW FRXSOLQJ FDSDFLWRU DQG WKH UHVLVWRU
ELDV QHWZRUN ZLOO SURYLGH SXOVHV ZKLFK FRUUHFWO\ WULJJHU
WKH RQHVKRW $Q H[WHUQDO YROWDJH FRPSDUDWRU FDQ EH
XVHG WR ´VTXDUHXSµ VLQXVRLGDO LQSXW VLJQDOV EHIRUH WKH\
DUH DSSOLHG WR WKH ;5 $OVR WKH FRPSRQHQW YDOXHV
IRU WKH LQSXW VLJQDO GLIIHUHQWLDWRU DQG ELDV QHWZRUN FDQ EH
DOWHUHG WR DFFRPPRGDWH VTXDUH ZDYHV ZLWK GLIIHUHQW
DPSOLWXGHV DQG IUHTXHQFLHV 7KH SDVVLYH LQWHJUDWRU
QHWZRUN 5%&% ILOWHUV WKH FXUUHQW SXOVHV IURP WKH SLQ 
RXWSXW )RU OHVV RXWSXW ULSSOH LQFUHDVH WKH YDOXH RI &%
)RU LQFUHDVHG DFFXUDF\ DQG OLQHDULW\ XVH DQ RSHUDWLRQDO
DPSOLILHU LQWHJUDWRU DV VKRZQ LQ )LJXUH  WKH SUHFLVLRQ
)9& FRQILJXUDWLRQ 7ULP WKH RIIVHW WR JLYH P9 RXW ZLWK
+] LQ DQG WULP WKH IXOO VFDOH DGMXVW IRU 9 RXW ZLWK
N+] LQ ,QSXW VLJQDO FRQGLWLRQLQJ IRU WKLV FLUFXLW LV
QHFHVVDU\ MXVW DV IRU WKH VLQJOH VXSSO\ PRGH DQG WKH VFDOH
IDFWRU FDQ EH SURJUDPPHG E\ WKH FKRLFH RI FRPSRQHQW
YDOXHV $ WUDGHRII H[LVWV EHWZHHQ WKH DPRXQW RI RXWSXW
ULSSOH DQG WKH UHVSRQVH WLPH WKURXJK WKH FKRLFH RU
LQWHJUDWLRQ FDSDFLWRU &,I& P) WKH ULSSOH ZLOO EH
DERXW P9 5HVSRQVH WLPH FRQVWDQW W5 5%&, )RU 5%
N: DQG &, P) W5 PVHF







;5
9&&
2)
.
.
9&&
56
.
5
.
Q)
I,
)UHTXHQF\ ,QSXW
9 33 6TXDUH
:DYH
.
5%
.
&%
2)
52
.
9/
5/
.
92
9ROWDJH 2XWSXW
8S WR 9
IR
3XOVH
2XWSXW
9
+]
56
5%ô5 ô&
&
2)
'HVLJQ (TXDWLRQV
9
I,. :KHUH . 
7 ô5 &
9
&203
2QH
6KRW
&$
6:
)LJXUH  )UHTXHQF\ WR 9ROWDJH &RQYHUWHU
5
5
&
5
&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com