Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 143Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 144Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 145Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 146Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 147Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 148Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 149Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 150Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 145
PIC16F87XA
14.2
Oscillator Configurations
14.2.1
OSCILLATOR TYPES
The PIC16F87XA can be operated in four different
oscillator modes. The user can program two configura-
tion bits (FOSC1 and FOSC0) to select one of these four
modes:
• LP
Low-Power Crystal
• XT
Crystal/Resonator
• HS
High-Speed Crystal/Resonator
• RC
Resistor/Capacitor
14.2.2
CRYSTAL OSCILLATOR/CERAMIC
RESONATORS
In XT, LP or HS modes, a crystal or ceramic resonator
is connected to the OSC1/CLKI and OSC2/CLKO pins
to establish oscillation (Figure 14-1). The PIC16F87XA
oscillator design requires the use of a parallel cut crys-
tal. Use of a series cut crystal may give a frequency out
of the crystal manufacturer’s specifications. When in
XT, LP or HS modes, the device can have an external
clock source to drive the OSC1/CLKI pin (Figure 14-2).
FIGURE 14-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS, XT OR LP
OSC CONFIGURATION)
FIGURE 14-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR
LP OSC CONFIGURATION)
TABLE 14-1:
CERAMIC RESONATORS
Note 1: See Table 14-1 and Table 14-2 for recommended
values of C1 and C2.
2: A series resistor (Rs) may be required for AT
strip cut crystals.
3: RF varies with the crystal chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To
Logic
PIC16F87XA
Rs
(2)
Internal
Ranges Tested:
Mode
Freq.
OSC1
OSC2
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-68 pF
15-68 pF
68-100 pF
15-68 pF
15-68 pF
HS
8.0 MHz
16.0 MHz
10-68 pF
10-22 pF
10-68 pF
10-22 pF
These values are for design guidance only.
See notes following Table 14-2.
Resonators Used:
2.0 MHz
Murata Erie CSA2.00MG
± 0.5%
4.0 MHz
Murata Erie CSA4.00MG
± 0.5%
8.0 MHz
Murata Erie CSA8.00MT
± 0.5%
16.0 MHz
Murata Erie CSA16.00MX
± 0.5%
All resonators used did not have built-in capacitors.
OSC1
OSC2
Open
Clock from
Ext. System
PIC16F87XA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com