Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 168Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 169Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 170Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 171Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 172Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 173Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 174Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 175Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 234 page
background image
PIC16F87XA
DS39582B-page 170
 2003 Microchip Technology Inc.
16.14 PICDEM 1 PICmicro
Demonstration Board
The PICDEM 1 demonstration board demonstrates the
capabilities
of
the
PIC16C5X
(PIC16C54
to
PIC16C58A),
PIC16C61,
PIC16C62X,
PIC16C71,
PIC16C8X, PIC17C42, PIC17C43 and PIC17C44. All
necessary hardware and software is included to run
basic demo programs. The sample microcontrollers
provided with the PICDEM 1 demonstration board can
be programmed with a PRO MATE II device program-
mer, or a PICSTART Plus development programmer.
The PICDEM 1 demonstration board can be connected
to the MPLAB ICE in-circuit emulator for testing. A pro-
totype area extends the circuitry for additional applica-
tion
components.
Features
include
an
RS-232
interface, a potentiometer for simulated analog input,
push button switches and eight LEDs.
16.15 PICDEM.net Internet/Ethernet
Demonstration Board
The PICDEM.net demonstration board is an Internet/
Ethernet demonstration board using the PIC18F452
microcontroller and TCP/IP firmware. The board
supports any 40-pin DIP device that conforms to the
standard
pinout
used
by
the
PIC16F877
or
PIC18C452. This kit features a user friendly TCP/IP
stack, web server with HTML, a 24L256 Serial
EEPROM for Xmodem download to web pages into
Serial EEPROM, ICSP/MPLAB ICD 2 interface con-
nector, an Ethernet interface, RS-232 interface, and a
16 x 2 LCD display. Also included is the book and
CD-ROM “TCP/IP Lean, Web Servers for Embedded
Systems,” by Jeremy Bentham.
16.16 PICDEM 2 Plus
Demonstration Board
The PICDEM 2 Plus demonstration board supports
many 18-, 28-, and 40-pin microcontrollers, including
PIC16F87X and PIC18FXX2 devices. All the neces-
sary hardware and software is included to run the dem-
onstration programs. The sample microcontrollers
provided with the PICDEM 2 demonstration board can
be programmed with a PRO MATE II device program-
mer, PICSTART Plus development programmer, or
MPLAB ICD 2 with a Universal Programmer Adapter.
The MPLAB ICD 2 and MPLAB ICE in-circuit emulators
may also be used with the PICDEM 2 demonstration
board to test firmware. A prototype area extends the
circuitry for additional application components. Some
of the features include an RS-232 interface, a 2 x 16
LCD display, a piezo speaker, an on-board temperature
sensor, four LEDs, and sample PIC18F452 and
PIC16F877 Flash microcontrollers.
16.17 PICDEM 3 PIC16C92X
Demonstration Board
The PICDEM 3 demonstration board supports the
PIC16C923 and PIC16C924 in the PLCC package. All
the necessary hardware and software is included to run
the demonstration programs.
16.18 PICDEM 4 8/14/18-Pin
Demonstration Board
The PICDEM 4 can be used to demonstrate the capa-
bilities of the 8, 14, and 18-pin PIC16XXXX and
PIC18XXXX MCUs, including the PIC16F818/819,
PIC16F87/88, PIC16F62XA and the PIC18F1320 fam-
ily of microcontrollers. PICDEM 4 is intended to show-
case the many features of these low pin count parts,
including LIN and Motor Control using ECCP. Special
provisions are made for low power operation with the
supercapacitor circuit, and jumpers allow on-board
hardware to be disabled to eliminate current draw in
this mode. Included on the demo board are provisions
for Crystal, RC or Canned Oscillator modes, a five volt
regulator for use with a nine volt wall adapter or battery,
DB-9 RS-232 interface, ICD connector for program-
ming via ICSP and development with MPLAB ICD 2,
2x16 liquid crystal display, PCB footprints for H-Bridge
motor driver, LIN transceiver and EEPROM. Also
included are: header for expansion, eight LEDs, four
potentiometers, three push buttons and a prototyping
area. Included with the kit is a PIC16F627A and a
PIC18F1320. Tutorial firmware is included along with
the User’s Guide.
16.19 PICDEM 17 Demonstration Board
The PICDEM 17 demonstration board is an evaluation
board that demonstrates the capabilities of several
Microchip
microcontrollers,
including
PIC17C752,
PIC17C756A, PIC17C762 and PIC17C766. A pro-
grammed sample is included. The PRO MATE II device
programmer, or the PICSTART Plus development pro-
grammer, can be used to reprogram the device for user
tailored application development. The PICDEM 17
demonstration board supports program download and
execution from external on-board Flash memory. A
generous prototype area is available for user hardware
expansion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com