Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 192Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 193Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 194Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 195Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 196Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 197Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 198Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 199Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 234 page
background image
PIC16F87XA
DS39582B-page 194
 2003 Microchip Technology Inc.
TABLE 17-14: A/D CONVERTER CHARACTERISTICS:PIC16F873A/874A/876A/877A (INDUSTRIAL)
PIC16LF873A/874A/876A/877A (INDUSTRIAL)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
10-bits
bit
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A03
EIL
Integral Linearity Error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A04
EDL
Differential Linearity Error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A06
EOFF
Offset Error
—
—
< ± 2
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A07
EGN
Gain Error
—
—
< ± 1
LSb
VREF = VDD = 5.12V,
VSS
≤ VAIN ≤ VREF
A10
—
Monotonicity
—
guaranteed(3)
——
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference Voltage (VREF+ – VREF-)
2.0
—
VDD + 0.3
V
A21
VREF+ Reference Voltage High
AVDD – 2.5V
AVDD + 0.3V
V
A22
VREF-
Reference Voltage Low
AVSS – 0.3V
VREF+ – 2.0V
V
A25
VAIN
Analog Input Voltage
VSS – 0.3V
—
VREF + 0.3V
V
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
——
2.5
k
Ω
(Note 4)
A40
IAD
A/D Conversion
Current (VDD)
PIC16F87XA
—
220
—
µA
Average current
consumption when A/D is
on (Note 1)
PIC16LF87XA
—
90
—
µA
A50
IREF
VREF Input Current (Note 2)
—
—
—
—
5
150
µA
µA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN to charge
CHOLD, see Section 11.1
“A/D Acquisition
Requirements”.
During A/D conversion
cycle
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current spec
includes any such leakage from the A/D module.
2:
VREF current is from RA3 pin or VDD pin, whichever is selected as reference input.
3:
The A/D conversion result never decreases with an increase in the input voltage and has no missing codes.
4:
Maximum allowed impedance for analog voltage source is 10 k
Ω. This requires higher acquisition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com