Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP9435M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # AP9435M
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

AP9435M Datasheet(HTML) 2 Page - Advanced Power Technology

  AP9435M Datasheet HTML 1Page - Advanced Power Technology AP9435M Datasheet HTML 2Page - Advanced Power Technology AP9435M Datasheet HTML 3Page - Advanced Power Technology AP9435M Datasheet HTML 4Page - Advanced Power Technology AP9435M Datasheet HTML 5Page - Advanced Power Technology AP9435M Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image

 !"

!!
 /2
$& )& $%& 
< 
(! !"<!;2' ,
 8 
4

 
7!"8 *



"(! !"+  "  * 8 &4
 
 1& 8 1&
= 

3! 2 ,
 8 
*
4
,
.!'!2! "2""
 * 8 &4
*


  !
 4 8 
*

 "#
 1 8 
 

3 !"-;,


>
3/!,
 &4
:
/
>
3 !"/!,
 *
4
/
>
3 (!?@$!@A/!,
 *

/

! (
 *
*


 
 *



! 77(
B  *
1


.
*


/
)/)""

1
).
/
+)/)""
 *
11
).
/
5! ! 7!/)""
7*&$C9
*
).
#$!

!!
 /2
$& )& $%& 

$ % 
  8  *&
&B


       



.!'!2+ ,
8 &B8 
& *&

*& '22 7)!,!&
& '2D4 82""DE&


*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com