Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT88SC0404C Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT88SC0404C
Description  CryptoMemory 4 Kbit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC0404C Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT88SC0404C Datasheet HTML 6Page - ATMEL Corporation AT88SC0404C Datasheet HTML 7Page - ATMEL Corporation AT88SC0404C Datasheet HTML 8Page - ATMEL Corporation AT88SC0404C Datasheet HTML 9Page - ATMEL Corporation AT88SC0404C Datasheet HTML 10Page - ATMEL Corporation AT88SC0404C Datasheet HTML 11Page - ATMEL Corporation AT88SC0404C Datasheet HTML 12Page - ATMEL Corporation AT88SC0404C Datasheet HTML 13Page - ATMEL Corporation AT88SC0404C Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
AT88SC0404C
2023ES–SMEM–07/04
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80817
TITLE
DRAWING NO.
R
REV.
8Y4, 8-lead (6.00 x 4.90 mm Body) SOIC Array Package
(SAP) Y4
A
8Y4
5/24/04
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
0.90
A1
0.00
–
0.05
D
5.80
6.00
6.20
E
4.70
4.90
5.10
D1
2.85
3.00
3.15
E1
2.85
3.00
3.15
b
0.35
0.40
0.45
e
1.27 TYP
e1
3.81 REF
L
0.50
0.60
0.70
A
E
A1
b
PIN 1 INDEX AREA
D
A
PIN 1 ID
E1
L
e
e1
Ordering Code: Y4I, Y4U
8-lead SAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com