Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC5509 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5509
Description  Ultra-Low Noise Preamplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5509 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC5509 Datasheet HTML 1Page - National Semiconductor (TI) CLC5509 Datasheet HTML 2Page - National Semiconductor (TI) CLC5509 Datasheet HTML 3Page - National Semiconductor (TI) CLC5509 Datasheet HTML 4Page - National Semiconductor (TI) CLC5509 Datasheet HTML 5Page - National Semiconductor (TI) CLC5509 Datasheet HTML 6Page - National Semiconductor (TI) CLC5509 Datasheet HTML 7Page - National Semiconductor (TI) CLC5509 Datasheet HTML 8Page - National Semiconductor (TI) CLC5509 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
±5.5V
Output Current
70mA
Common-Mode Input Voltage
±V
CC
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (soldering 10 sec)
+300˚C
ESD Rating (human body model)
4000V
Electrical Characteristics (Note 3)
(V
CC,VEE = ±5V, RS = 50Ω,AV = 10V/V, Rg = 1kΩ,RL = 100Ω; unless specified)
Symbol
Parameter
Conditions
Typ
Min/Max
Ratings
(Note 2)
Units
Ambient Temperature
CLC5509
+25˚C
+25˚C
Frequency Domain Response
-3dB Bandwidth
V
O< 2.0VPP
High Cutoff
−3dB
33
28
45
MHz
Low Cutoff
−3dB
0.5
0.4
0.7
MHz
Gain Flatness Inband
2 < 12.5MHz, V
O< 1.0VPP
−1.5
+.1
dB
Gain Accuracy @ 5MHz
±0.3
dB
Phase Variation
3 < 9MHz, V
O < .1VPP
1
Deg
Gain Variation
3 < 9MHz, V
O < .1VPP
.3
dB
Time Domain Response
Rise and Fall Time
2V step
10
10
15
ns
Settling Time to 0.2%
2V step
1
µs
Overshoot
2V step
0
5
%
Group Delay
2.5MHz < 10MHz, V
IN = 10mVPP
5.5
3
7.5
ns
Group Delay Repeatability
.5
ns
Distortion And Noise Response
2nd Harmonic Distortion
< 12.5MHz, V
IN = 100mVPP
−51
dBc
3rd Harmonic Distortion
−56
dBc
Intermodulation Distortion
@ 5MHz
−65
dBc
Equivalent Input Noise Voltage (e
ni)
> 1MHz, R
S = 50Ω
0.7
0.78
nV
Noise Figure
@ 50
Ω
2
2.4
dB
Optimum R
S
85
80
110
Ω
Static, DC Performance
PSRR (preamp only)
< 1MHz
40
dB
Supply Current (preamp only)
R
L = ∞
911
mA
Miscellaneous Performance
Output Impedance
DC < 12MHz
0.2
0.2
1
Ω
Output Voltage Range
R
L = 100Ω
±2
±1.7
V
Output Current
±45
±35
mA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com