Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM62256BLFP-7SLT Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # HM62256BLFP-7SLT
Description  256k SRAM (32-kword x 8-bit)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256BLFP-7SLT Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button HM62256BLFP-7SLT Datasheet HTML 9Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 10Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 11Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 12Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 13Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 14Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 15Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 16Page - Hitachi Semiconductor HM62256BLFP-7SLT Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
HM62256B Series
13
Package Dimensions
HM62256BLP Series (DP-28)
0.25
+ 0.11
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
15.24
1.2
35.6
36.5 Max
1
14
15
28
1.9 Max
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-28
—
Conforms
4.6 g
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com