Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM62256BLTM-7SL Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM62256BLTM-7SL
Description  256k SRAM (32-kword x 8-bit)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62256BLTM-7SL Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM62256BLTM-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM62256BLTM-7SL Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
HM62256B Series
7
AC Characteristics (Ta = 0 to +70
°C, V
CC = 5.0 V ± 10%)
Test Conditions
• Input pulse levels: 0.8 V to 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate + C
L (50 pF) (HM62256B-5)
1 TTL Gate + C
L (100 pF) (HM62256B-7/8)
(Including scope & jig)
Read Cycle
HM62256B
-5
-7
-8
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
—
70
—
85
—
ns
Address access time
t
AA
—
55
—
70
—
85
ns
Chip select to access time
t
ACS
—
55
—
70
—
85
ns
Output enable to output valid
t
OE
—
35
—
40
—
45
ns
Chip select to output in low-Z
t
CLZ
5
—
10
—
10
—
ns
2
Output enable to output in low-Z
t
OLZ
5—
5—
5
—
ns
2
Chip deselect to output in high-Z
t
CHZ
0
20
0
25
0
30
ns
1, 2
Output disable to output in high-Z
t
OHZ
0
20
0
25
0
30
ns
1, 2
Output hold from address change
t
OH
5—
5—
5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com