Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4064 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology LTC4064 Datasheet HTML 10Page - Linear Technology LTC4064 Datasheet HTML 11Page - Linear Technology LTC4064 Datasheet HTML 12Page - Linear Technology LTC4064 Datasheet HTML 13Page - Linear Technology LTC4064 Datasheet HTML 14Page - Linear Technology LTC4064 Datasheet HTML 15Page - Linear Technology LTC4064 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4064
14
4064f
PROG pin. With no additional capacitance on the PROG
pin, stability is acceptable with program resistor values as
high as 50k. However, additional capacitance on this node
reduces the maximum allowed program resistor. The pole
frequency at the PROG pin should be kept above 500kHz.
Therefore, if the PROG pin is loaded with a capacitance, C,
the following equation should be used to calculate the
maximum resistance value for RPROG:
RPROG < 1/(6.283 • 5 × 105 • C)
5
7
RPROG
CFILTER
CHARGE
CURRENT
MONITOR
CIRCUITRY
10k
LTC4064
4064 F05
GND
PROG
Figure 5. Isolating Capacitive Load on PROG Pin and Filtering
APPLICATIO S I FOR ATIO
Average, rather than instantaneous, battery current may
be of interest to the user. For example, if a switching power
supply operating in low-current mode is connected in
parallel with the battery the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current as shown in Figure 5. A 10k resistor is
added between the PROG pin and the filter capacitor and
monitoring circuit to ensure stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com