Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV1012TP-15 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1012TP-15
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012TP-15 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV1012TP-15 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 9Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 10Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 11Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 12Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 13Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 14Page - National Semiconductor (TI) LMV1012TP-15 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
NOTE: UNLESS OTHERWISE SPECIFIED.
1. FOR SOLDER BUMP COMPOSITION, SEE "SOLDER INFORMATION" IN THE PACKAGING SECTION OF THE NATIONAL SEMICONDUCTOR WEB
PAGE (www.national.com).
2. RECOMMEND NON-SOLDER MASK DEFINED LANDING PAD.
3. PIN A1 IS ESTABLISHED BY LOWER LEFT CORNER WITH RESPECT TO TEXT ORIENTATION.
4. XXX IN DRAWING NUMBER REPRESENTS PACKAGE SIZE VARIATION WHERE X1 IS PACKAGE WIDTH, X2 IS PACKAGE LENGTH AND X3 IS
PACKAGE HEIGHT.
5. REFERENCE JEDEC REGISTRATION MO-211. VARIATION CA.
4-Bump Extreme Thin micro SMD
NS Package Number XPA04HLA
X
1 = 0.955 mm
X
2 = 1.031 mm
X
3 = 0.300 mm
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com