Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2214-3.0/2.8BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2214-3.0/2.8BML
Description  Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2214-3.0/2.8BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2214-3.0/2.8BML Datasheet HTML 1Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 2Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 3Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 4Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 5Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 6Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 7Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 8Page - Micrel Semiconductor MIC2214-3.0/2.8BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
August 2004
3
MIC2214
MIC2214
Micrel
1
2
3
4
12
16
15
14
13
8
7
6
5
11
10
9
EN1
EN2
BYP
ADJ1
POR
DRV
ADJ
NGND
16-Pin 4mm
××××× 4mm MLF™ (ML)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MLF-10 (3x3)
MLF-16 (4x4)
1
15, 16
VIN
Supply Input: (VIN1 and VIN2 are internally tied together)
2
–
EN
Enable Input: Enables both regulator outputs. Active High. High = on, low =
off. Do not leave floating.
–
1
EN1
Enable Input to Regulator 1: Enables regulator 1 output. Active high input.
High = on, low = off. Do not leave floating.
–
2
EN2
Enable Input to Regulator 2: Enables regulator 2 output. Active high input.
High = on, low = off. Do not leave floating.
3
3
CBYP
Reference Bypass: Connect external 0.01
µF to GND to reduce output noise.
May be left open.
4
5
SW
Active high signal drives open-drain N-Channel MOSFET.
–
4
ADJ1
Adjust Input (Regulator 1): Connect feedback resistors to program the
output voltage for the regulator.
5
6
SET
Delay Set Input: Connect external capacitor to GND to set the internal delay
for the POR output. When left open, there is no delay. This pin cannot be
grounded.
6
7,8
GND
Ground: Connect externally to exposed pad.
–
9
NGND
Ground for the open-drain driver. Tied to the source of the NMOSFET. Tied
to GND internally.
–
10
ADJ2
Adjust Input (Regulator 2): Connect feedback resistors to program the
output voltage for the regulator.
7
11
DRV
Open-Drain Output: Capable of sinking 150mA.
8
12
POR
Power-On Reset Output: Open-drain output. Active low indicates an output
undervoltage condition on regulator 2.
9
13
VOUT2
Output of Regulator 2: 300mA output current
10
14
VOUT1
Output of Regulator 1: 150mA output current
EP
EP
GND
Ground: Internally connected to the exposed pad. Connect externally to
ground pin.
1
VIN
EN
BYP
SW
SET
10 VOUT1
VOUT2
POR
DRV
GND
9
8
7
6
2
3
4
5
10-Pin 3mm
××××× 3mm MLF™ (ML)
(Top View)
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com