Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2214-3.3/2.8BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2214-3.3/2.8BML
Description  Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2214-3.3/2.8BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2214-3.3/2.8BML Datasheet HTML 1Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 2Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 3Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 4Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 5Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 6Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 7Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 8Page - Micrel Semiconductor MIC2214-3.3/2.8BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC2214
Micrel
MIC2214
4
August 2004
Electrical Characteristics (Note 4)
V
IN = VOUT +1.0V for higher output of the regulator pair; COUT = 1.0µF, IOUT = 100µA; TJ = 25°C, bold values indicate
–40
°C ≤ T
J ≤ +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal V
OUT
–1.0
+1.0
%
–2.0
+2.0
%
Output Voltage Temp. Coefficient
40
ppm/C
Line Regulation; Note 5
V
IN = VOUT +1V to 5.5V
–0.3
0.02
0.3
%/V
–0.6
0.6
Load Regulation
I
OUT = 100µA to 150mA (Regulator 1 and 2)
0.2
1.0
%
I
OUT = 100µA to 300mA (Regulator 2)
1.5
%
Dropout Voltage; Note 6
I
OUT = 150mA (Regulator 1 and 2)
120
190
mV
250
mV
I
OUT = 300mA (Regulator 2)
240
340
mV
420
Ground Pin Current
I
OUT1 = IOUT2 = 0µA48
65
µA
80
µA
I
OUT1 = 150mA & IOUT2 = 300mA
60
µA
Ground Pin Current in Shutdown
V
EN ≤ 0.4V
2.0
µA
Ripple Rejection
f = 1kHz; C
OUT = 1.0µF ceramic; CBYP = 10nF
60
dB
f = 20kHz; C
OUT = 1.0µF ceramic; CBYP = 10nF
40
dB
Current Limit
V
OUT = 0V (Regulator 1)
150
280
460
mA
V
OUT = 0V (Regulator 2)
300
450
700
mA
Output Voltage Noise
C
OUT =1µF, CBYP =0.01µF, 10Hz to 100kHz
30
µVrms
Enable Input
Enable Input Voltage
Logic Low (Regulator Shutdown)
0.6
V
Logic High (Regulator Enabled)
1.8
V
Enable Input Current
V
IL < 0.6V (Regulator Shutdown)
–1
0.01
+1
µA
V
IH > 1.8V (Regulator Enabled)
–1
0.01
+1
µA
POR Output
V
TH
Low Threshold, % of nominal V
OUT2 (Flag ON)
90
%
High Threshold, % of nominal V
OUT2 (Flag OFF)
96
%
V
OL
POR output logic low voltage; I
L = 250µA
0.02
0.1
V
I
POR
Flag leakage current, flag OFF
–1
0.01
+1
µA
Absolute Maximum Rating (Note 1)
Supply Input Voltage (V
IN) .................................... 0V to 7V
Enable Input Voltage (V
EN) ................................... 0V to 7V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Junction Temperature .............................. –40
°C to +125°C
Storage Temperature (T
S) ......................... –65°C to 150°C
Open-Drain Output (DRV) ........................................ 250mA
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Operating Ratings (Note 2)
Supply Input Voltage (V
IN) ............................ 2.25V to 5.5V
Enable Input Voltage (V
EN) .................................. 0V to Vin
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance
MLF™-10 (
θ
JA)1" square 2oz. copper ................. 60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com