| Electronic Components Datasheet Search |
|
MIC2211-1.6/2.9BML Datasheet(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2211-1.6/2.9BML Datasheet(HTML) 2 Page - Micrel Semiconductor |
|
2 / 9 page ![]() MIC2211 Micrel M9999-090204 2 August 2004 Ordering Information Part Number Manufacturing Number Standard Pb-Free Voltage* Temp. Range Package MIC2211-ADJ/ADJBML MIC2211-AA BML Contact Micrel ADJ/ADJ –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.5/1.8BML MIC2211-FGBML Contact Micrel 1.5V/1.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.5/2.8BML MIC2211-FMBML MIC2211-FMYML 1.5V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.5/3.1BML MIC2211-FQBML Contact Micrel 1.5V/3.1V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.6/2.8BML MIC2211-WMBML Contact Micrel 1.6V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.6/2.9BML MIC2211-WOBML Contact Micrel 1.6V/2.9V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.6/3.3BML MIC2211-WSBML MIC2211-WSYML 1.6V/3.3V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.8/2.8BML MIC2211-GMBML MIC2211-GMYML 1.8V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.8/2.9BML MIC2211-GOBML MIC2211-GOYML 1.8V/2.9V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.8/3.0BML MIC2211-GPBML MIC2211-GPYML 1.8V/3.0V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.8/3.3BML MIC2211-GSBML MIC2211-GSYML 1.8V/3.3V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.9/2.8BML MIC2211-YMBML Contact Micrel 1.9V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.5/1.8BML MIC2211-JGBML Contact Micrel 2.5V/1.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.5/1.9BML MIC2211-JYBML MIC2211-JYYML 2.5V/1.9V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.5/2.8BML MIC2211-JMBML MIC2211-JMYML 2.5V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.5/3.0BML MIC2211-JPBML MIC2211-JPYML 2.5V/3.0V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.5/3.3BML MIC2211-JSBML MIC2211-JSYML 2.5V/3.3V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.8/1.5BML MIC2211-MFBML Contact Micrel 2.8V/1.5V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.8/1.8BML MIC2211-MGBML Contact Micrel 2.8V/1.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.8/2.5BML MIC2211-MJBML Contact Micrel 2.8V/2.5V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.8/3.0BML MIC2211-MPBML Contact Micrel 2.8V/3.0V –40 °C to +125°C 10-Pin 3 ×3 MLF™ MIC2211-2.8/3.3BML MIC2211-MSBML MIC2211-MSYML 2.8V/3.3V –40 °C to +125°C 10-Pin 3 ×3 MLF™ MIC2211-2.85/3.3BML MIC2211-NSBML Contact Micrel 2.85V/3.3V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.85/2.85BML MIC2211-NNBML Contact Micrel 2.85V/2.85V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-2.9/1.5BML MIC2211-OFBML Contact Micrel 2.9V/1.5V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.0/1.6BML MIC2211-PWBML Contact Micrel 3.0V/1.6V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.0/2.8BML MIC2211-PMBML MIC2211-PMYML 3.0V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.0/3.0BML MIC2211-PPBML MIC2211-PPYML 3.0V/3.0V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.0/3.3BML MIC2211-PSBML MIC2211-PSYML 3.0V/3.3V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.3/2.8BML MIC2211-SMBML Contact Micrel 3.3V/2.8V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.3/3.3BML MIC2211-SSBML Contact Micrel 3.3V/3.3V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-1.5/3.1BML MIC2211-FQBML Contact Micrel 1.5V/3.1V –40 °C to +125°C 10-Pin 3×3 MLF™ MIC2211-3.6/3.6BML MIC2211-WBML Contact Micrel 3.6V/3.6V –40 °C to +125°C 10-Pin 3×3 MLF™ *For other output voltage options, contact Micrel marketing. Pin Configuration 1 VIN EN1 EN2 BYP NC 10 VOUT1 VOUT2 NC NC GND 9 8 7 6 2 3 4 5 10-Pin 3mm ××××× 3mm MLF™ (ML) (Top View) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |