| Electronic Components Datasheet Search |
|
MIC2211-2.5/3.3BML Datasheet(PDF) 4 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MIC2211-2.5/3.3BML Datasheet(HTML) 4 Page - Micrel Semiconductor |
|
4 / 9 page ![]() MIC2211 Micrel M9999-090204 4 August 2004 Electrical Characteristics(4) V IN = VOUT +1.0V for higher output of the regulator pair; COUT = 1.0µF, IOUT = 100µA; TJ = 25°C, bold values indicate –40 °C ≤ T J ≤ +125°C; unless noted. Parameter Conditions Min Typ Max Units Output Voltage Accuracy Variation from nominal V OUT –1.0 +1.0 % –2.0 +2.0 % Output Voltage Temp. Coefficient 40 ppm/C Line Regulation(5) V IN = VOUT +1V to 5.5V –0.3 0.02 0.3 %/V –0.6 0.6 Load Regulation I OUT = 100µA to 150mA (Regulator 1 and 2) 0.2 1.0 % I OUT = 100µA to 300mA (Regulator 2) 1.5 % Dropout Voltage(6) I OUT = 150mA (Regulator 1 and 2) 120 190 mV 250 mV I OUT = 300mA (Regulator 2) 240 340 mV 420 Ground Pin Current I OUT1 = IOUT2 = 0µA48 65 µA 80 µA I OUT1 = 150mA & IOUT2 = 300mA 60 µA Ground Pin Current in Shutdown V EN ≤ 0.4V 2.0 µA Ripple Rejection f = 1kHz; C OUT = 1.0µF ceramic; CBYP = 10nF 60 dB f = 20kHz; C OUT = 1.0µF ceramic; CBYP = 10nF 40 dB Current Limit V OUT = 0V (Regulator 1) 150 280 460 mA V OUT = 0V (Regulator 2) 300 450 700 mA Output Voltage Noise C OUT =1µF, CBYP =0.01µF, 10Hz to 100kHz 30 µVrms Enable Input Enable Input Voltage Logic Low (Regulator Shutdown) 0.6 V Logic High (Regulator Enabled) 1.8 V Enable Input Current V IL < 0.6V (Regulator Shutdown) –1 0.01 +1 µA V IH > 1.8V (Regulator Enabled) –1 0.01 +1 µA Notes: 1. Exceeding maximum rating may damage the device. 2. The device is not guaranteed to work outside its operating rating. 3. The maximum allowable power dissipation of any T A (ambient temperature) is (PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. 4. Specification for packaged product only. 5. Minimum input for line regulation test is set to V OUT + 1V relative to the highest output voltage. 6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differen- tial. For outputs below 2.25V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.25V. Minimum input operating voltage is 2.25V. Absolute Maximum Rating(1) Supply Input Voltage (V IN) .................................... 0V to 7V Enable Input Voltage (V EN) ................................... 0V to 7V Power Dissipation (P D) ........................ Internally Limited (3) Junction Temperature .............................. –40 °C to +125°C Storage Temperature (T S) ......................... –65°C to 150°C Lead Temperature (soldering, 5 sec.) ....................... 260 °C Operating Ratings(2) Supply Input Voltage (V IN) ............................ 2.25V to 5.5V Enable Input Voltage (V EN) .................................. 0V to Vin Junction Temperature (T J) ....................... –40°C to +125°C Package Thermal Resistance MLF™-10 ( θ JA) .................................................... 60°C/W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |