Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2211-2.8/3.3BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2211-2.8/3.3BML
Description  Dual UCap LDO in 3mm 횞 3mm MLF?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2211-2.8/3.3BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2211-2.8/3.3BML Datasheet HTML 1Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 2Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 3Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 4Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 5Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 6Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 7Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 8Page - Micrel Semiconductor MIC2211-2.8/3.3BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
August 2004
3
M9999-080204
MIC2211
Micrel
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input: (VIN1 and VIN2 are internally tied together.)
2
EN1
Enable Input to Regulator 1: Enables regulator 1 output. Active high input.
High = on, low = off. Do not leave floating.
3
EN2
Enable Input to Regulator 2: Enables regulator 2 output. Active high input.
High = on, low = off. Do not leave floating.
4
CBYP
Reference Bypass: Connect external 0.01
µF to GND to reduce output noise.
May be left open.
5, 7, 8
NC
No Connection.
6
GND
Ground: Connect externally to Exposed Pad.
9
VOUT2
Output of Regulator 2: 300mA output current
10
VOUT1
Output of Regulator 1: 150mA output current
EP
GND
Ground: Internally connected to the Exposed Pad. Connect externally to pin 6.
Voltage
Code
Adj.
A
1.5
F
1.6
W
1.8
G
1.85
D
1.9
Y
2.0
H
2.1
E
2.5
J
2.6
K
2.7
L
2.8
M
2.850
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
Table 1. Voltage Codes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com