Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DD313-4 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DD313-4
Description  LED open circuit detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DD313-4 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DD313-4 Datasheet HTML 3Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 4Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 5Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 6Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 7Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 8Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 9Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 10Page - Silicon Touch Technology Inc. DD313-4 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
40V Adjustable Current Sink Linear LED Driver
Version:PRE.002
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DD313-4
Timing Diagram
tD, tR and tF
Input
Output
tD
50%
90%
50%
10%
tR or tD
Figure 3. Output timing
Pin Description
PIN NAME
I/O
DESCRIPTIONS
IOUT
O
Low output voltage constant current sink output
VCC
-
Supply voltage
REXT
I/O
A resistor between REXT and GND sets maximum current
PWM IN
I
PWM input
GND
-
Ground
ALARM OUT
O
Open drain output for reporting LED open circuit and driver thermal
issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com