Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCL30083 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCL30083
Description  Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30083 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCL30083_15 Datasheet HTML 17Page - ON Semiconductor NCL30083_15 Datasheet HTML 18Page - ON Semiconductor NCL30083_15 Datasheet HTML 19Page - ON Semiconductor NCL30083_15 Datasheet HTML 20Page - ON Semiconductor NCL30083_15 Datasheet HTML 21Page - ON Semiconductor NCL30083_15 Datasheet HTML 22Page - ON Semiconductor NCL30083_15 Datasheet HTML 23Page - ON Semiconductor NCL30083_15 Datasheet HTML 24Page - ON Semiconductor NCL30083_15 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
NCL30083
www.onsemi.com
21
At startup, when VCC reaches VCC(on), the controller is
not allowed to start pulsing for at least 180
ms in order to
allow the SD pin voltage to reach its nominal value if a
filtering capacitor is connected to the SD pin. This is to avoid
flickering of the LED light in case of over temperature.
S
R
Q
VCCreset
SD
VCC
Vdd
OTP_Timer end
noise delay
noise delay
Rclamp
Vclamp
Latch
NTC
Dz
OTP
OVP
(OTP latched for version A)
S
R
Q
4−s Timer
OFF
0.5 V if OTP low
0.7 V if OTP high
Figure 58. Thermal Fold−back and OVP/OTP Circuitry
VOVP
IOTP(REF)
VTF
VOTP
Q
Q
In case of over voltage, the Zener diode starts to conduct
and inject current inside the internal clamp resistor Rclamp
thus causing the pin SD voltage to increase. When this
voltage reaches the OVP threshold (2.5 V typ.), the
controller shuts−down and waits for at least 4 seconds before
restarting switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com