Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NOIP1SN025KA Datasheet(PDF) 65 Page - ON Semiconductor

Part # NOIP1SN025KA
Description  PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN025KA Datasheet(HTML) 65 Page - ON Semiconductor

Back Button NOIP1SN025KA Datasheet HTML 61Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 62Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 63Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 64Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 65Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 66Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 67Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 68Page - ON Semiconductor NOIP1SN025KA Datasheet HTML 69Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
65
Table 30. REGISTER MAP
Category
Type
Description
Default
Default
(Hex)
Register Name
Bit
Field
Address
Address
Offset
Block
Offset
[15:0]
fr_length1
0x0000
0
Frame/Reset length
Reset length when
fr_mode = ’0’, Frame
Length when fr_mode =
’1’
Granularity defined by
mult_timer
40
232
exposure1
0x0000
0
Exposure/Frame Rate
Configuration
RW
[15:0]
exposure1
0x0000
0
Exposure Time
Granularity defined by
mult_timer
41
233
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved
42
234
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved
43
235
gain_configuration1
0x01E3
483
Gain Configuration
RW
[4:0]
mux_gainsw1
0x03
3
Column Gain Setting
[12:5]
afe_gain1
0xF
15
AFE Programmable
Gain Setting
44
236
digital_gain_con-
figuration1
0x0080
128
Gain Configuration
RW
[11:0]
db_gain1
0x080
128
Digital Gain
45
237
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0000
0
Reserved
46
238
reserved
0xFFFF
65535
Reserved
RW
[15:0]
reserved
0xFFFF
65535
Reserved
47
239
reserved
0x0000
0
Reserved
RW
[15:0]
reserved
0x0
0
Reserved
48
240
x_resolution
0x0050
[0x0042,
0x0042,
0x003E]
80
[66, 66,
62]
Sequencer Status
Status
[7:0]
x_resolution
0x0050
[0x0042,
0x0042,
0x003E]
80
[66, 66,
62]
Sensor x Resolution
49
241
y_resolution
0x1400
5120
Sequencer Status
Status
[12:0]
y_resolution
0x1400
[0x1010,
0x0C10,
0x0B60]
5120
[4112,
3088,
2912]
Sequencer Status
50
242
mult_timer_status
0x0000
0
Sequencer Status
Status
[15:0]
mult_timer
0x0000
0
Mult Timer Status
(Master Global Shutter
only)
51
243
reset_length_status
0x0000
0
Sequencer Status
Status
[15:0]
reset_length
0x0000
0
Current Reset Length
(not in Slave mode)
52
244
exposure_status
0x0000
0
Sequencer Status
Status
[15:0]
exposure
0x0000
0
Current Exposure Time
(not in Slave mode)
53
245
exposure_ds_status
0x0000
0
Sequencer Status
Status
[15:0]
exposure_ds
0x0000
0
Current Exposure Time
(not in Slave mode)
54
246
exposure_ts_status
0x0000
0
Sequencer Status
Status
[15:0]
exposure_ts
0x0000
0
Current Exposure Time
(not in Slave mode)
55
247
gain_status
0x0000
0
Sequencer Status
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com