Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NOIP1SN016KA Datasheet(PDF) 32 Page - ON Semiconductor

Part # NOIP1SN016KA
Description  PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN016KA Datasheet(HTML) 32 Page - ON Semiconductor

Back Button NOIP1SN016KA Datasheet HTML 28Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 29Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 30Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 31Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 32Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 33Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 34Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 35Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
32
Figure 29. Subsampling Scheme for PYTHON XK
Signal Gain Path
Table 20 and Table 21 show the available registers (fields)
to program the desired exposure time and gain settings.
Table 20. EXPOSURE TIME CONFIGURATION
REGISTERS
Address
Default
Value
Description
201
0x0000
Exposure time: granularity defined by
’Mult Timer’ (register 199).
199
0x0001
Mult Timer
Defines granularity of exposure and
reset length.
unit = 1/72 MHz for normal ROT mode
200
0x0000
Reset length or Frame Length
Granularity defined by ’Mult Timer’
(register 199)
Table 21. GAIN CONFIGURATION REGISTERS
Address
Unity
Gain
Config-
uration
Description
204 [4:0]
0x04
0x04:
1x
0x18:
1.26x
0x08:
1.87x
0x10:
3.17x
204 [13]
Postpone gain update by one frame
when ‘1’ to compensate for exposure
time updates latency.
205[11:0]
0x080
Digital Gain, 5.7 unsigned representation
(5 bits before decimal point, 7 bits after
fractional part). Maximum gain is 31.992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com