Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2810PBKA Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2810PBKA
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2810PBKA Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320F2810PBKA Datasheet HTML 85Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 86Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 87Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 88Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 89Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 90Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 91Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 92Page - Texas Instruments TMS320F2810PBKA Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
89
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
GPIO mux (continued)
Table 63. GPAQUAL Register Bit Definitions
BIT
NAME
TYPE
RESET
DESCRIPTION
7:0
QUALPRD
R/W
0:0
Specifies the qualification sampling period:
0x00
no qualification (just SYNC to SYSCLKOUT)
0x01
QUALPRD = SYSCLKOUT/2
0x02
QUALPRD = SYSCLKOUT/4
.
0xFF
QUALPRD = SYSCLKOUT/510
15:8
reserved
R=0
0:0
Notes:
1.
GPADIR bit = 0, configures corresponding GPIO pin as an input. GPADIR bit = 1, configures corresponding
GPIO pin as an output.
2.
The GPADAT, GPASET, GPACLEAR, GPATOGGLE registers have the same bit to I/O signal mapping as
the GPAMUX and GPADIR registers.
3.
The GPADAT register is a R/W register. Reading the register will reflect the current state of the input I/O
signal (after qualification). Writing to the register will set the corresponding state of any I/O signal configured
as an output.
4.
The GPASET register is a write only register (reads back 0). Writing a 1 to the corresponding bit of an I/O
signal will cause the I/O signal to go high. Writing a 0 will have no effect.
5.
The GPACLEAR register is a write only register (reads back 0). Writing a 1 to the corresponding bit of an
I/O signal will cause the I/O signal to go low. Writing a 0 will have no effect.
6.
The GPATOGGLE register is a write only register (reads back 0). Writing a 1 to the corresponding bit of an
I/O signal will cause the I/O signal to toggle. Writing a 0 will have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com